Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5212 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5212
Description  Low Voltage Synchronous Buck Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5212 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5212_06 Datasheet HTML 1Page - ON Semiconductor CS5212_06 Datasheet HTML 2Page - ON Semiconductor CS5212_06 Datasheet HTML 3Page - ON Semiconductor CS5212_06 Datasheet HTML 4Page - ON Semiconductor CS5212_06 Datasheet HTML 5Page - ON Semiconductor CS5212_06 Datasheet HTML 6Page - ON Semiconductor CS5212_06 Datasheet HTML 7Page - ON Semiconductor CS5212_06 Datasheet HTML 8Page - ON Semiconductor CS5212_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CS5212
http://onsemi.com
2
C16
0.1 mF
GATE(H)
BST
LGND
VFFB
VFB
COMP
SGND
PGND
GATE(L)
VC
IS+
IS−
VCC
ROSC
CS5212
U1
GN2
GND
R8
10
C2
0.1 mF
TP4
COMP
TP5
BST
1
2
3
4
5
6
7
14
13
12
11
10
9
8
C11
0.1 mF
R1
51 k
C1
0.47 mF
R9
10
C19
1.0 mF
Q2
Q1
TP3
GATE(L)
TP2
GATE(H)
TP1
SWNODE
VIN
3.3 V
D5
BAT54S
+
+
+
C6
C7
C8 100 mF/10 V × 3
R5
4.7 k
R13
10
C15
470 pF
L1
2.9 mH
6.5 mR
ETQP6F2R9LB
VOUT
GND
C3
0.1 mF
R6
4.7 k
R2
10
TP6
SENSE+
TP7
SENSE−
R4
1.0 k 1%
C5
680 pF
R3
1.5 k 1%
R7
TBD*
D6
BAT54S
D2
BAT54S
C4
0.1 mF
C22
0.1 mF
*Refer to Rpullup Value Selection section for value needed.
+
C9
+
C10
100 mF/10 V
× 2
+
C20
+
C21
Figure 1. Application Diagram, 3.3 V to 1.5 V/8.0 A Converter with Differential Remote Sense
MAXIMUM RATINGS
Rating
Value
Unit
Operating Junction Temperature, TJ
150
°C
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Storage Temperature Range, TS
−65 to +150
°C
Package Thermal Resistance:
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
30
125
°C/W
°C/W
ESD Susceptibility:
Human Body Model
Machine Model
2.0
200
kV
V
JEDEC Moisture Sensitivity
1
−
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 60 second maximum above 183°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com