Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5253-1GDPR5 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5253-1GDPR5
Description  3.0 A LDO 5?뭁in Adjustable Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5253-1GDPR5 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5253-1GDPR5 Datasheet HTML 1Page - ON Semiconductor CS5253-1GDPR5 Datasheet HTML 2Page - ON Semiconductor CS5253-1GDPR5 Datasheet HTML 3Page - ON Semiconductor CS5253-1GDPR5 Datasheet HTML 4Page - ON Semiconductor CS5253-1GDPR5 Datasheet HTML 5Page - ON Semiconductor CS5253-1GDPR5 Datasheet HTML 6Page - ON Semiconductor CS5253-1GDPR5 Datasheet HTML 7Page - ON Semiconductor CS5253-1GDPR5 Datasheet HTML 8Page - ON Semiconductor CS5253-1GDPR5 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CS5253−1
http://onsemi.com
4
Figure 2. Block Diagram
−
+
+
−
BIAS
and
TSD
VREF
EA
IA
VOUT
VSENSE
Adjust
VPOWER
VCONTROL
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Reference Voltage vs Junction Temperature
Figure 4. Load Regulation vs Output Current
Figure 5. Transient Response
Figure 6. Output Current vs VPOWER − VOUT
Junction Temperature (°C)
0
20
40
60
80
120
1.247
1.248
1.249
1.250
1.251
1.252
1.253
100
Output Current (A)
0
0.5
1.0
1.5
2.0
3.0
0
0.02
0.04
0.06
0.08
0.10
0.12
2.5
TJ = 20°C
TJ = 120°C
TJ = 0°C
VCONTROL = 5.0 V
VPOWER = 3.3 V
VOUT = 2.5 V
CCONTROL = 10 mF
CPOWER = 100 mF
CADJ = 0.1 mF
COUT = 300 mF
VOUT
ILOAD,
10 mA to 3.0 A
01
2
3
4
6
5
VPOWER − VOUT (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Measured at DVOUT = −1.0%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com