Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA562 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SA562
Description  TO-92 Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SA562 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SA562 Datasheet HTML 1Page - Nanjing International Group Co 2SA562 Datasheet HTML 2Page - Nanjing International Group Co 2SA562 Datasheet HTML 3Page - Nanjing International Group Co 2SA562 Datasheet HTML 4Page - Nanjing International Group Co 2SA562 Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
Parameter
Symbol
Test
conditions
MLQ
T\S
0D[
8QLW
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
-0.1
P
Emitter cut-off current
-0.1
P
DC current gain
Collector-emitter saturation voltage
Base-emitter voltage
Transition frequency
Collector output capacitance
pF
CLASSIFICATION OF hFE
R$1.
OY
R$1*(

120-
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
IEBO
hFE
VCE(SAT)
VBE
fT
Cob
Ic=-100μA, IE=0
Ic=-1mA, IB=0~30
IE=-100μA, IC=0
VCB=35V, IE=0
VEB=-5V, IC=0
VCE=-1V, IC=-100mA
70
Ic=-100mA, IB=-10mA
VCE=-1V, IC=-100mA
VCE=-6V, IC=-20mA
VCE=-6V, IE=0,f=1MHz
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com