Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5301GDWR32 Datasheet(PDF) 17 Page - ON Semiconductor

Part # CS5301GDWR32
Description  Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5301GDWR32 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button CS5301GDWR32 Datasheet HTML 11Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 12Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 13Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 14Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 15Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 16Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 17Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 18Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
CS5301
http://onsemi.com
17
3. For resistive current sensing choose L and RS to
provide a steady state ramp greater than 25 mV.
L RS + (VIN * VOUT)
VOUT VIN
f
25 mV
Again the ratio of L and RL is fixed and the values of
L and RS will be a compromise.
4. Calculate the high frequency output impedance
(ConverterZ) of the converter during transients. This
is the impedance of the Output filter ESR in parallel
with the power stage output impedance (PwrstgZ)
and will indicate how far from the original level
(
DVR) the output voltage will typically recover to
within one switching cycle. For a good transient
response
DVR should be less than the peak output
voltage overshoot or undershoot.
DVR + ConverterZ
IOUT
ConverterZ
+
PwrstgZ
ESR
PwrstgZ
) ESR
where:
PwrstgZ
+ RS
CSA Gain 3
Multiply the converterZ by the output current step
size to calculate where the output voltage should
recover to within the first switching cycle after a
transient. If the ConverterZ is higher than the value
required to recover to where the adaptive positioning
is set the remainder of the recovery will be controlled
by the error amp compensation and will typically
recover in 10−20
ms.
DVR + DIOUT
ConverterZ
Make sure that
DVR is less than the expected peak
transient for a good transient response.
5. Adjust L and RL or RS as required to meet the best
combination of transient response, steady state output
voltage ripple and pulse width jitter.
Current Limit
When the sum of the Current Sense amplifiers (VITOTAL)
exceeds the voltage on the ILIM pin the part will enter hiccup
mode. For inductive sensing the ILIM pin voltage should be
set based on the inductor resistance (or current sense
resistor) at max temperature and max current. To set the level
of the ILIM pin:
6.
VILIM +
where:
R is RL or RS;
IOUT(LIM) is the current limit threshold.
For the overcurrent to work properly the inductor
time constant (L/R) should be
≤ the Current sense RC.
If the RC is too fast, during step loads the current
waveform will appear larger than it is (typically for a
few hundred
ms) and may trip the current limit at a
level lower than the DC limit.
Adaptive Positioning
7. To set the amount of voltage positioning above the
DAC setting at no load connect a resistor (RVFB)
between the output voltage and the VFB pin. Choose
RVFB as;
RVFB + NL Position VFB Bias Current
See Figure 4 for VFB Bias Current.
8. To set the difference in output voltage between no
load and full load, connect a resistor (RVDRP)
between the VDRP and VFB pins. RVDRP can be
calculated in two steps. First calculate the difference
between the VDRP and VFB pin at full load. (The VFB
voltage should be the same as the DAC voltage during
closed loop operation.) Then choose the RVDRP to
source enough current across RVFB for the desired
change in output voltage.
DVVDRP + R
IOUT
CS to VDRP Gain
where:
R = RL or RS for one phase;
IOUT is the full load output current.
RVDRP + DVVDRP
RV(FB) DVOUT
DESIGN EXAMPLE
Choose the component values for lossless current sensing,
adaptive positioning and current limit for a 250 kHz, 1.55 V,
60 A converter. The VID code is set to 1.6 V. Adaptive
positioning is set for 100 mV above DACOUT (or 25 mV
below VID) at no load and 75 mV below the no load position
with a 60 A load. The peak output voltage transient should
be less than 100 mV during a 60 A step current. The
overcurrent limit is nominally 75 A.
Current Sensing, Power Stage and
Output Filter Components
1. Assume 1.5 m
W of output filter ESR.
2. Choose C
+ 0.01 mF
R
+ (VIN * VOUT)
VOUT VIN
f
C
25 mV
+ (12 * 1.55)
1.55 12
250 k
0.01
mF
25 mV
+ 21.5 kW å Choose20kW
L RL + R
C
+ 20 kW
0.01
mF + 200 ms
Choose RL + 2.0 mW
L
+ RL
R
C
+ 2.0 mW
200
ms + 400 nH
3. n/a
4. PwrstgZ
+ RL
CSA Gain 3
+ 2.0 mW
4.2 3.0
+ 2.8 mW
ConverterZ +
PwrstgZ
ESR
PwrstgZ
) ESR
+ 2.8 mW
1.5 m
W
2.8 m
W ) 1.5 mW
^ 1.0 mW
DVR + ConverterZ
IOUT
+ 1.0 mW
60 A
+ 60 mV
5. n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com