Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5211 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5211
Description  Low Voltage Synchronous Buck Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5211 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5211 Datasheet HTML 1Page - ON Semiconductor CS5211 Datasheet HTML 2Page - ON Semiconductor CS5211 Datasheet HTML 3Page - ON Semiconductor CS5211 Datasheet HTML 4Page - ON Semiconductor CS5211 Datasheet HTML 5Page - ON Semiconductor CS5211 Datasheet HTML 6Page - ON Semiconductor CS5211 Datasheet HTML 7Page - ON Semiconductor CS5211 Datasheet HTML 8Page - ON Semiconductor CS5211 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 7
1
Publication Order Number:
CS5211/D
CS5211
Low Voltage Synchronous
Buck Controller
The CS5211 is a low voltage synchronous buck controller. It
contains all required circuitry for a synchronous buck converter using
external N−Channel MOSFETs. High current internal gate drivers are
capable of driving high gate capacitance of low RDS(on) NFETs for
better efficiency. The V2™ control architecture is used to achieve
unmatched transient response, the best overall regulation and the
simplest loop compensation. The CS5211 is in a 14−pin package to
allow the designer added flexibility.
The CS5211 provides overcurrent protection, undervoltage lockout,
Soft−Start and built in adaptive nonoverlap. The CS5211 also provides
adjustable fixed frequency range of 150 kHz to 750 kHz. This gives
the designer more flexibility to make efficiency and component size
compromises. The CS5211 will operate over a 4.5 V to 14 V range
using either single or dual input voltage.
Features
Switching Regulator Controller
N−Channel Synchronous Buck Design
V2 Control Topology
200 ns Transient Response
Programmable Fixed Frequency of 150 kHz−750 kHz
1.0 V 1.5% Internal Reference
Lossless Inductor Sensing Overcurrent Protection
Hiccup Mode Short Circuit Protection
Programmable Soft−Start
40 ns GATE Rise and Fall Times (3.3 nF Load)
70 ns Adaptive FET Nonoverlap Time
Differential Remote Sense Capability
System Power Management
5.0 V or 12 V Operation
Undervoltage Lockout
On/Off Control Through Use of the COMP Pin
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM
1
GATE(L)
PGND
SGND
VFB
GATE(H)
IS+
IS−
ROSC
VCC
PIN CONNECTIONS
VC
BST
LGND
VFFB
COMP
SOIC−14
D SUFFIX
CASE 751A
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
CS5211xG
AWLYWW
1
14
CS5211x = Specific Device Code
x= E or G
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G= Pb−Free Package


Similar Part No. - CS5211

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5211 ONSEMI-CS5211 Datasheet
105Kb / 16P
Low Voltage Synchronous Buck Controller
December, 2001 ??Rev. 4
CS5211 ONSEMI-CS5211 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS5211ED14 ONSEMI-CS5211ED14 Datasheet
105Kb / 16P
Low Voltage Synchronous Buck Controller
December, 2001 ??Rev. 4
CS5211EDR14 ONSEMI-CS5211EDR14 Datasheet
105Kb / 16P
Low Voltage Synchronous Buck Controller
December, 2001 ??Rev. 4
CS5211GD14 ONSEMI-CS5211GD14 Datasheet
105Kb / 16P
Low Voltage Synchronous Buck Controller
December, 2001 ??Rev. 4
More results

Similar Description - CS5211

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com