Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5323 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS5323
Description  Three?뭁hase Buck Controller with 5?묪it DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5323 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS5323 Datasheet HTML 3Page - ON Semiconductor CS5323 Datasheet HTML 4Page - ON Semiconductor CS5323 Datasheet HTML 5Page - ON Semiconductor CS5323 Datasheet HTML 6Page - ON Semiconductor CS5323 Datasheet HTML 7Page - ON Semiconductor CS5323 Datasheet HTML 8Page - ON Semiconductor CS5323 Datasheet HTML 9Page - ON Semiconductor CS5323 Datasheet HTML 10Page - ON Semiconductor CS5323 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CS5323
http://onsemi.com
7
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
PIN SYMBOL
FUNCTION
20 Lead SO Wide
1
ROSC
A resistor from this pin to ground sets operating frequency
and VFB bias current.
2
COMP
Output of the error amplifier and input for the PWM
comparators.
3
VFB
Voltage Feedback Pin. To use Adaptive Positioning, set the
light load offset voltage by connecting a resistor between VFB
and CSREF. The resistor and the VFB bias current determine
the offset. For no adaptive positioning connect VFB directly to
CSREF.
4
VDRP
Current sense output for adaptive voltage positioning (AVP).
The level of this pin above the DAC voltage is proportional to
the output current. Connect a resistor from this pin to VFB to
set AVP or leave this pin open for no AVP.
5−7
CS1−CS3
Current sense inputs. Connect current sense network for the
corresponding phase to each CSx pin.
8
CSREF
Reference for Current Sense Amplifiers. To balance input
offset voltages between the inverting and noninverting inputs
of the Current Sense Amplifiers, connect a resistor between
CSREF and the output voltage. The value should be 1/3 of
the value of the resistors connected to the CSx pins.
9
ILIM
Sets the threshold for hiccup mode current limit. Connect to
reference through a resistive divider.
10
REF
Reference output. Decouple with 0.1 μF.
11−15
VID0−VID4
Voltage ID DAC inputs. These pins are internally pulled up to
3.3 V if left open.
16
Gnd
IC Gnd.
17−19
GATE1−3
GATE drive signal.
20
VCC
Power for IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com