Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5172GD8G Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5172GD8G
Description  1.5 A 280 kHz/560 kHz Boost Regulators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5172GD8G Datasheet(HTML) 2 Page - ON Semiconductor

  CS5172GD8G Datasheet HTML 1Page - ON Semiconductor CS5172GD8G Datasheet HTML 2Page - ON Semiconductor CS5172GD8G Datasheet HTML 3Page - ON Semiconductor CS5172GD8G Datasheet HTML 4Page - ON Semiconductor CS5172GD8G Datasheet HTML 5Page - ON Semiconductor CS5172GD8G Datasheet HTML 6Page - ON Semiconductor CS5172GD8G Datasheet HTML 7Page - ON Semiconductor CS5172GD8G Datasheet HTML 8Page - ON Semiconductor CS5172GD8G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
CS5171, CS5172, CS5173, CS5174
http://onsemi.com
2
+
1
2
3
45
6
7
8
VOUT
L1
5 V
C3
22
mF
VC
FB
Test
SS
VCC
AGND
PGND
VSW
+
MBRS120T3
D1
22
mH
C2
22
mF
R3
1.28 k
3.72 k
R2
C1
SS
3.3 V
R1
5 k
0.01
mF
Figure 1. Applications Diagram
MAXIMUM RATINGS
Rating
Value
Unit
Junction Temperature Range, TJ
−40 to +150
°C
Storage Temperature Range, TSTORAGE
−65 to +150
°C
Package Thermal Resistance, Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
45
165
°C/W
°C/W
Lead Temperature Soldering: Reflow (Note 1)
230 Peak
°C
ESD, Human Body Model
1.2
kV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 60 second maximum above 183
°C.
MAXIMUM RATINGS
Pin Name
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
IC Power Input
VCC
35 V
−0.3 V
N/A
200 mA
Shutdown/Sync
SS
30 V
−0.3 V
1.0 mA
1.0 mA
Loop Compensation
VC
6.0 V
−0.3 V
10 mA
10 mA
Voltage Feedback Input
FB
(CS5171/3 only)
10 V
−0.3 V
1.0 mA
1.0 mA
Negative Feedback Input
(transient, 10 ms)
NFB
(CS5172/4 only)
−10 V
10 V
1.0 mA
1.0 mA
Test Pin
Test
6.0 V
−0.3 V
1.0 mA
1.0 mA
Power Ground
PGND
0.3 V
−0.3 V
4 A
10 mA
Analog Ground
AGND
0 V
0 V
N/A
10 mA
Switch Input
VSW
40 V
−0.3 V
10 mA
3.0 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com