Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5973AD Datasheet(PDF) 17 Page - STMicroelectronics

Part # L5973AD
Description  2A switch step down switching regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973AD Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L5973AD_07 Datasheet HTML 13Page - STMicroelectronics L5973AD_07 Datasheet HTML 14Page - STMicroelectronics L5973AD_07 Datasheet HTML 15Page - STMicroelectronics L5973AD_07 Datasheet HTML 16Page - STMicroelectronics L5973AD_07 Datasheet HTML 17Page - STMicroelectronics L5973AD_07 Datasheet HTML 18Page - STMicroelectronics L5973AD_07 Datasheet HTML 19Page - STMicroelectronics L5973AD_07 Datasheet HTML 20Page - STMicroelectronics L5973AD_07 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
L5973AD
Application ideas
17/21
Refer to L5973AD application note (AN1723) to have additional information, details, and
more application ideas.
L5973AD belongs to L597x family.
Related part numbers are:
●
L5970D: 1.5A (Isw), 250KHz Step Down DC-DC Converter in SO8
●
L5972D: 2A (Isw), 250KHz Step Down DC-DC Converter in SO8
●
L5973D: 2.5A (Isw), 250KHz Step Down DC-DC Converter in HSOP8
In case higher current is needed, the nearest DC-DC Converter family is L497x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com