Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE40 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M25PE40
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE40 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M25PE40 Datasheet HTML 18Page - STMicroelectronics M25PE40 Datasheet HTML 19Page - STMicroelectronics M25PE40 Datasheet HTML 20Page - STMicroelectronics M25PE40 Datasheet HTML 21Page - STMicroelectronics M25PE40 Datasheet HTML 22Page - STMicroelectronics M25PE40 Datasheet HTML 23Page - STMicroelectronics M25PE40 Datasheet HTML 24Page - STMicroelectronics M25PE40 Datasheet HTML 25Page - STMicroelectronics M25PE40 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
Instructions
M25PE40
22/60
6.2
Write Disable (WRDI)
The Write Disable (WRDI) instruction (Figure 8) resets the Write Enable Latch (WEL) bit.
The Write Disable (WRDI) instruction is entered by driving Chip Select (S) Low, sending the
instruction code, and then driving Chip Select (S) High.
The Write Enable Latch (WEL) bit is reset under the following conditions:
●
Power-up
●
Write Disable (WRDI) instruction completion
●
Page Write (PW) instruction completion
●
Page Program (PP) instruction completion
●
Write Status Register (WRSR) instruction completion
●
Write to Lock Register (WRLR) instruction completion
●
Page Erase (PE) instruction completion
●
SubSector Erase (SSE) instruction completion
●
Sector Erase (SE) instruction completion
●
Bulk Erase (BE) instruction completion
Figure 8.
Write Disable (WRDI) instruction sequence
C
D
AI03750D
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com