Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T62 Datasheet(PDF) 32 Page - STMicroelectronics

Part # M41T62
Description  Serial Access Real-Time Clock with Alarms
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M41T62 Datasheet HTML 28Page - STMicroelectronics M41T62 Datasheet HTML 29Page - STMicroelectronics M41T62 Datasheet HTML 30Page - STMicroelectronics M41T62 Datasheet HTML 31Page - STMicroelectronics M41T62 Datasheet HTML 32Page - STMicroelectronics M41T62 Datasheet HTML 33Page - STMicroelectronics M41T62 Datasheet HTML 34Page - STMicroelectronics M41T62 Datasheet HTML 35Page - STMicroelectronics M41T62 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
DC and AC parameters
M41T62/63/64/65
32/40
Table 13.
Capacitance
Symbol
Parameter(1)(2)
1.
Effective capacitance measured with power supply at 3.6V; sampled only, not 100% tested.
2.
At 25°C, f = 1MHz.
Min
Max
Unit
CIN
Input capacitance
7
pF
COUT
(3)
3.
Outputs deselected.
Output capacitance
10
pF
tLP
Low-pass filter input time constant (SDA and SCL)
50
ns
Table 14.
DC characteristics
Sym
Parameter
Test condition(1)
1.
Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 1.3V to 4.4V (except where noted).
Min
Typ
Max
Unit
VCC
(2)
2.
Oscillator start-up guaranteed at 1.5V only.
Operating voltage
Clock(3)
3.
When using battery back-up, VCC fall time should not exceed 10mV/µs.
1.0
4.4
V
I2C bus (400kHz)
1.3
4.4
V
ICC1 Supply current
SCL = 400kHz
(no load)
4.4V
100
µA
3.6V
50
70
µA
3.0V
35
µA
2.5V
30
µA
2.0V
20
µA
ICC2
Supply current
(standby)
SCL = 0Hz
all inputs
≥ V
CC – 0.2V
≤V
SS + 0.2V
SQW off
4.4V
950
nA
3.6V
375
700
nA
3.0V @ 25°C
350
nA
2.0V @ 25°C
310
nA
VIL Input low voltage
–0.2
0.3VCC
V
VIH Input high voltage
0.7VCC
VCC+0.3
V
VOL
Output low voltage
VCC = 4.4V, IOL = 3.0mA
(CMOS or open drain)
0.4
V
VCC = 4.4V, IOL = 1.0mA
(SQW, WDO, IRQ)
0.4
V
VOH Output high voltage
VCC = 4.4V, IOH = –1.0mA (push-pull)
2.4
V
Pull-up supply voltage
(open drain)
IRQ/OUT, IRQ/FT/OUT, WDO, SQW
(M41T64 only)
4.4
V
ILI
Input leakage current
0V
≤V
IN ≤VCC
±1
µA
ILO
Output leakage
current
0V
≤V
OUT ≤VCC
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com