Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE40VMN6TP Datasheet(PDF) 17 Page - STMicroelectronics

Part # M25PE40VMN6TP
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE40VMN6TP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M25PE40VMN6TP Datasheet HTML 13Page - STMicroelectronics M25PE40VMN6TP Datasheet HTML 14Page - STMicroelectronics M25PE40VMN6TP Datasheet HTML 15Page - STMicroelectronics M25PE40VMN6TP Datasheet HTML 16Page - STMicroelectronics M25PE40VMN6TP Datasheet HTML 17Page - STMicroelectronics M25PE40VMN6TP Datasheet HTML 18Page - STMicroelectronics M25PE40VMN6TP Datasheet HTML 19Page - STMicroelectronics M25PE40VMN6TP Datasheet HTML 20Page - STMicroelectronics M25PE40VMN6TP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
M25PE40
Memory organization
17/60
5
Memory organization
The memory is organized as:
●
2048 pages (256 bytes each)
●
524,288 bytes (8 bits each)
●
128 subsectors (32 Kbits, 4096 bytes each)
●
8 sectors (512 Kbits, 65536 bytes each)
Each page can be individually:
–
programmed (bits are programmed from 1 to 0)
–
erased (bits are erased from 0 to 1)
–
written (bits are changed to either 0 or 1)
The device is Page or Sector Erasable (bits are erased from 0 to 1).
Table 4.
Memory organization
Sector Subsector
Address Range
Sector Subsector
Address Range
7
127
7F000h
7FFFFh
0
15
0F000h
0FFFFh
112
70000h
70FFFh
4
04000h
04FFFh
6
111
6F000h
6FFFFh
3
03000h
03FFFh
2
02000h
02FFFh
96
60000h
60FFFh
1
01000h
01FFFh
5
95
5F000h
5FFFFh
0
00000h
00FFFh
80
50000h
50FFFh
4
79
4F000h
4FFFFh
64
40000h
40FFFh
3
63
3F000h
3FFFFh
48
30000h
30FFFh
2
47
2F000h
2FFFFh
32
20000h
20FFFh
1
31
1F000h
1FFFFh
16
10000h
10FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com