Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS924 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS924
Description  Rail-to-rail High Output Current Quad Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS924 Datasheet(HTML) 5 Page - STMicroelectronics

  TS924_05 Datasheet HTML 1Page - STMicroelectronics TS924_05 Datasheet HTML 2Page - STMicroelectronics TS924_05 Datasheet HTML 3Page - STMicroelectronics TS924_05 Datasheet HTML 4Page - STMicroelectronics TS924_05 Datasheet HTML 5Page - STMicroelectronics TS924_05 Datasheet HTML 6Page - STMicroelectronics TS924_05 Datasheet HTML 7Page - STMicroelectronics TS924_05 Datasheet HTML 8Page - STMicroelectronics TS924_05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TS924
Electrical Characteristics
5/14
Table 4.
VCC = +5V, VDD = 0V, Vicm = VCC/2, Tamb = 25°C, RL connected to VCC/2 (unless
otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage - TS924
TS924A
Tmin. ≤ Tamb ≤ Tmax. - TS924
TS924A
3
0.9
5
1.8
mV
DVio
Input Offset Voltage Drift
2
µV/°C
Iio
Input Offset Current
Vout = Vcc/2
1
30
nA
Iib
Input Bias Current
Vout = Vcc/2
15
100
nA
VOH
High Level Output Voltage
RL= 100k
RL = 600Ω
RL = 32Ω
4.90
4.85
4.4
V
VOL
Low Level Output Voltage
RL= 10k
RL = 600Ω
RL = 32Ω
300
50
120
mV
Avd
Large Signal Voltage Gain (Vout = 2Vpk-pk)
RL= 10k
RL = 600Ω
RL = 32Ω
200
40
17
V/mV
Icc
Total Supply Current
no load, Vout = Vcc/2
4.5
7
mA
GBP
Gain Bandwidth Product
RL = 600Ω
4
MHz
CMR
Common Mode Rejection Ratio
60
80
dB
SVR
Supply Voltage Rejection Ratio
Vcc = 3V to 5V
60
85
dB
Io
Output Short Circuit Current
50
80
mA
SR
Slew Rate
0.7
1.3
V/
µs
φm
Phase Margin at Unit Gain
RL = 600Ω, CL =100pF
68
Degrees
Gm
Gain Margin
RL = 600Ω, CL =100pF
12
dB
en
Equivalent Input Noise Voltage
f = 1kHz
9
THD
Total Harmonic Distortion
Vout = 2Vpk-pk, F = 1kHz, Av = 1, RL =600Ω
0.005
%
Cs
Channel Separation
120
dB
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com