Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS924IN Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS924IN
Description  Rail-to-rail High Output Current Quad Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS924IN Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS924IN Datasheet HTML 3Page - STMicroelectronics TS924IN Datasheet HTML 4Page - STMicroelectronics TS924IN Datasheet HTML 5Page - STMicroelectronics TS924IN Datasheet HTML 6Page - STMicroelectronics TS924IN Datasheet HTML 7Page - STMicroelectronics TS924IN Datasheet HTML 8Page - STMicroelectronics TS924IN Datasheet HTML 9Page - STMicroelectronics TS924IN Datasheet HTML 10Page - STMicroelectronics TS924IN Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TS924
Electrical Characteristics
7/14
Figure 7.
THD + noise vs. frequency
Figure 8.
THD + noise vs. frequency
Figure 9.
THD + noise vs. Vout
Figure 10. THD + noise vs. frequency
Figure 11. THD + noise vs. Vout
Figure 12. THD + noise vs. Vout
RL=2k Vo=10Vpp
VCC=±6V Av= 1
RL=32Ω Vo=2Vpp
VCC=±1.5V Av= 10
RL=32Ω f=1kHz
VCC=±1.5V Av= -1
RL=32Ω Vo=4Vpp
VCC=±2.5V Av= 1
RL=2kΩ f=1kHz
VCC=±1.5V Av= -1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com