Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS924ID/IDT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS924ID/IDT
Description  Rail-to-rail High Output Current Quad Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS924ID/IDT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS924ID/IDT Datasheet HTML 2Page - STMicroelectronics TS924ID/IDT Datasheet HTML 3Page - STMicroelectronics TS924ID/IDT Datasheet HTML 4Page - STMicroelectronics TS924ID/IDT Datasheet HTML 5Page - STMicroelectronics TS924ID/IDT Datasheet HTML 6Page - STMicroelectronics TS924ID/IDT Datasheet HTML 7Page - STMicroelectronics TS924ID/IDT Datasheet HTML 8Page - STMicroelectronics TS924ID/IDT Datasheet HTML 9Page - STMicroelectronics TS924ID/IDT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical Characteristics
TS924
6/14
Figure 1.
Output short circuit current vs.
output voltage
Figure 2.
Output short circuit current vs.
output voltage
Figure 3.
Voltage gain and phase vs.
frequency
Figure 4.
Output short circuit current vs.
output voltage
Figure 5.
Voltage gain & phase vs. frequency
Figure 6.
THD + noise vs. frequency
02
46
8
10
12
Output Voltage (V)
-100
-80
-60
-40
-20
0
20
40
60
80
100
Vcc=0/12V
Sink
Source
Vcc=0/3V
Source
Sink
-100
-80
-60
-40
-20
0
20
40
60
80
100
0
0,5
1
1,5
2
2,5
3
Output Voltage (V)
Gain
CL=500pF
VCC=±1.5V
Phase
Vcc=0/5V
Source
Sink
-100
-80
-60
-40
-20
0
20
40
60
80
100
012
345
Output Voltage (V)
RL=10κ
CL=100pF
VCC=±1.5V
Gain
Phase
RL=2k Vo=10Vpp
VCC=±6V Av= -1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com