Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21HT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAS21HT1
Description  High Voltage Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS21HT1 Datasheet(HTML) 1 Page - ON Semiconductor

  BAS21HT1 Datasheet HTML 1Page - ON Semiconductor BAS21HT1 Datasheet HTML 2Page - ON Semiconductor BAS21HT1 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 4
1
Publication Order Number:
BAS21HT1/D
BAS21HT1
Preferred Device
High Voltage
Switching Diode
Features
• Pb−Free Packages are Available
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VR
Continuous Reverse Voltage
250
Vdc
VRRM
Repetitive Peak Reverse Voltage
250
Vdc
IF
Peak Forward Current
200
mAdc
IFM(surge)
Peak Forward Surge Current
625
mAdc
THERMAL CHARACTERISTICS
Symbol
Characteristic
Max
Unit
PD
Total Device Dissipation FR−5 Board,
(Note 1) TA = 25°C
Derate above 25
°C
200
1.57
mW
mW/
°C
RqJA
Thermal Resistance,
Junction−to−Ambient
635
°C/W
TJ, Tstg
Junction and Storage Temperature
Range
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−5 Minimum Pad
HIGH VOLTAGE
SWITCHING DIODE
Device
Package
Shipping†
ORDERING INFORMATION
BAS21HT1
SOD−323
3000/Tape & Reel
SOD−323
CASE 477
STYLE 1
Preferred devices are recommended choices for future use
and best overall value.
1
CATHODE
2
ANODE
http://onsemi.com
MARKING
DIAGRAM
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
BAS21HT1G
SOD−323
(Pb−Free)
3000/Tape & Reel
JS M
G
G
1
2
JS
= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.


Similar Part No. - BAS21HT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAS21HT1 LRC-BAS21HT1 Datasheet
49Kb / 2P
HIGH VOLTAGE SWITCHING DIODE
logo
ON Semiconductor
BAS21HT1 ONSEMI-BAS21HT1 Datasheet
93Kb / 4P
High Voltage Switching Diode
July, 2010 ??Rev. 5
logo
Skyworks Solutions Inc.
BAS21HT1 SKYWORKS-BAS21HT1 Datasheet
1Mb / 59P
SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
logo
Zowie Technology Corpor...
BAS21HT1G ZOWIE-BAS21HT1G Datasheet
60Kb / 2P
HIGH VOLTAGE SWITCHING DIODE Lead free product
logo
ON Semiconductor
BAS21HT1G ONSEMI-BAS21HT1G Datasheet
94Kb / 4P
High Voltage Switching Diode
June, 2013 ??Rev. 10
More results

Similar Description - BAS21HT1

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com