Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN034-100PS Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PSMN034-100PS
Description  N-channel 100 V 34.5 mΩ standard level MOSFET in TO220.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN034-100PS Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PSMN034-100PS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN034-100PS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN034-100PS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN034-100PS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN034-100PS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN034-100PS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN034-100PS Datasheet HTML 9Page - Nexperia B.V. All rights reserved PSMN034-100PS Datasheet HTML 10Page - Nexperia B.V. All rights reserved PSMN034-100PS Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
PSMN034-100PS_2
All information provided in this document is subject to legal disclaimers.
Objective data sheet
Rev. 02 — 1 March 2010
7 of 15
Nexperia
PSMN034-100PS
N-channel 100 V 34.5 m
Ω standard level MOSFET in TO220.
Source-drain diode
VSD
source-drain voltage
IS =15A; VGS =0V; Tj = 25 °C; see Figure 17
-
0.85
1.2
V
trr
reverse recovery time
IS =5A; dIS/dt = 100 A/µs; VGS =0V;
VDS =50V
-38
-ns
Qr
recovered charge
-
59
-
nC
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 5.
Forward transconductance as a function of
drain current; typical values
Fig 6.
Input and reverse capacitances as a function of
gate-source voltage; typical values
Fig 7.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
Fig 8.
Output characteristics: drain current as a
function of drain-source voltage; typical values
003aae110
0
10
20
30
40
50
010
20
30
40
I
D
(A)
g
fs
(S)
003aae109
0
500
1000
1500
2000
04
8
12
V GS(V)
C
(pF)
Ciss
Crss
003aae111
20
40
60
80
100
0
5
10
15
20
V GS(V)
R DSon
(m
Ω)
003aae106
0
10
20
30
40
01
23
45
V DS(V)
I
D
(A)
4.5
4
VGS (V) =
4.7
5.0
5.5
6.5
10.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com