Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT240CTPYB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT240CTPYB
Description  FAST CMOS OCTAL BUFFER/LINE DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT240CTPYB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT240CTPYB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT240CTPYB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT240CTPYB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT240CTPYB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT240CTPYB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT240CTPYB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT240CTPYB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT240CTPYB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT240CTPYB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IDT54/74FCT240/244T/AT/CT/DT - 2240/2244T/AT/CT, IDT54/74FCT540/541/2541T/AT/CT
FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.8
1
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DECEMBER 1995
©1996 Integrated Device Technology, Inc.
6.8
DSC-2565/6
1
DESCRIPTION:
The IDT octal buffer/line drivers are built using an advanced
dual metal CMOS technology. The FCT240T/FCT2240T and
FCT244T/FCT2244T are designed to be employed as memory
and address drivers, clock drivers and bus-oriented transmit-
ter/receivers which provide improved board density.
The FCT540T and FCT541T/FCT2541T are similar in
function to the FCT240T/FCT2240T and FCT244T/FCT2244T,
respectively, except that the inputs and outputs are on oppo-
site sides of the package. This pinout arrangement makes
these devices especially useful as output ports for micropro-
cessors and as backplane drivers, allowing ease of layout and
greater board density.
The FCT2240T, FCT2244T and FCT2541T have balanced
output drive with current limiting resistors. This offers low
ground bounce, minimal undershoot and controlled output fall
times-reducing the need for external series terminating resis-
tors. FCT2xxxT parts are plug-in replacements for FCTxxxT
parts.
FAST CMOS OCTAL
BUFFER/LINE
DRIVERS
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
IDT54/74FCT240T/AT/CT/DT - 2240T/AT/CT
IDT54/74FCT244T/AT/CT/DT - 2244T/AT/CT
IDT54/74FCT540T/AT/CT
IDT54/74FCT541/2541T/AT/CT
FEATURES:
• Common features:
–
Low input and output leakage
≤1µA (max.)
–
CMOS power levels
–
True TTL input and output compatibility
– VOH = 3.3V (typ.)
– VOL = 0.3V (typ.)
–
Meets or exceeds JEDEC standard 18 specifications
–
Product available in Radiation Tolerant and Radiation
Enhanced versions
–
Military product compliant to MIL-STD-883, Class B
and DESC listed (dual marked)
–
Available in DIP, SOIC, SSOP, QSOP, CERPACK
and LCC packages
• Features for FCT240T/FCT244T/FCT540T/FCT541T:
–
Std., A, C and D speed grades
–
High drive outputs (-15mA IOH, 64mA IOL)
• Features for FCT2240T/FCT2244T/FCT2541T:
–
Std., A and C speed grades
–
Resistor outputs
(-15mA IOH, 12mA IOL Com.)
(-12mA IOH, 12mA IOL Mil.)
–
Reduced system switching noise
2565 drw 03
2565 drw 02
2565 drw 01
DA0
DA1
DA2
DA3
DB0
DB1
DB2
DB3
FCT240/2240T
DA0
OB0
DA1
OB1
DA2
OB2
DA3
OB3
OA0
DB0
OA1
DB1
DB2
DB3
OA2
OA3
FCT244/2244T
D0
O0
D1
D2
D3
D4
D5
D6
D7
O1
O2
O3
O4
O5
O6
O7
FCT540/541/2541T
*Logic diagram shown for 'FCT540.
'FCT541/2541T is the non-inverting option.
OE A
OE B
OE A
OE B
OE A
OB 0
OB 1
OB 2
OB3
OE B
OA 0
OA 1
OA 2
OA 3
FUNCTIONAL BLOCK DIAGRAMS


Similar Part No. - IDT74FCT240CTPYB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT240C IDT-IDT74FCT240C Datasheet
155Kb / 8P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240CD IDT-IDT74FCT240CD Datasheet
155Kb / 8P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240CDB IDT-IDT74FCT240CDB Datasheet
155Kb / 8P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240CE IDT-IDT74FCT240CE Datasheet
155Kb / 8P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240CEB IDT-IDT74FCT240CEB Datasheet
155Kb / 8P
FAST CMOS OCTAL BUFFER/LINE DRIVER
More results

Similar Description - IDT74FCT240CTPYB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FC240T IDT-IDT74FC240T Datasheet
185Kb / 9P
FAST CMOS OCTAL BUFFER/LINE DRIVERS
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
Fast CMOS Octal Buffer/Line Drivers
PI74FCT162541 PERICOM-PI74FCT162541 Datasheet
61Kb / 6P
Fast CMOS 16-Bit Octal Buffer/Line Drivers
PI74FCT240T PERICOM-PI74FCT240T Datasheet
135Kb / 6P
Fast CMOS Octal Buffer/Line Drivers
logo
Integrated Device Techn...
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T_06 Datasheet
730Kb / 8P
Fast CMOS Octal Buffer/Line Drivers
logo
Texas Instruments
CD54AC240 TI1-CD54AC240_16 Datasheet
1Mb / 17P
Octal Buffer Line Drivers
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com