Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8441 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8441
Description  Stepper Motor Driver with Divide by Select
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8441 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8441 Datasheet HTML 1Page - ON Semiconductor CS8441 Datasheet HTML 2Page - ON Semiconductor CS8441 Datasheet HTML 3Page - ON Semiconductor CS8441 Datasheet HTML 4Page - ON Semiconductor CS8441 Datasheet HTML 5Page - ON Semiconductor CS8441 Datasheet HTML 6Page - ON Semiconductor CS8441 Datasheet HTML 7Page - ON Semiconductor CS8441 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
February, 2001 – Rev. 3
1
Publication Order Number:
CS8441/D
CS8441
Stepper Motor Driver
with Divide by Select
The CS8441 is a Stepper Motor Driver that implements an
H–Bridge design in order to drive two coils in an eight step sequence
per revolution in the divide by 1 mode; 16 step sequence in the divide
by 2 mode. The H–Bridge is capable of delivering 85 mA to the load.
The sequencer insures that the odometer is monotonic. This
sequencer is configured such that simultaneous conduction does not
occur. Before each successive output sequence the part is taken
through a state where both outputs are turned off individually. This
tends to minimize the inductive kick back energy that the part must
absorb. On–chip clamp diodes are across each output to protect the
part from the kick back energy that it must absorb.
Additional part protection is provided by two functions. The first
being “short circuit protection.” This function will protect the part in
the case of a shorted or partially shorted load. The second protection
function is the “overvoltage function.” This function monitors the
level of the supply voltage. In transient conditions such as load dump,
the part will shut down, protecting itself.
Features
• No Cross–Conduction in Either H–Bridge
• Divide by 1 and Divide by 2 Modes
• Guaranteed Monotonic
• On–Chip Flyback Diodes
• Fault Protection
– Overvoltage
– Load Dump Protection to 60 V
SENSOR
Input
Comp.
Sequencer
Overvoltage
and
Short Circuit
Protection
VCC
GND
SELECT
COILA+
COILA–
COILB+
COILB–
Coil
Driver
A
Coil
Driver
B
B 1
B 2
Figure 1. Block Diagram
http://onsemi.com
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
PIN CONNECTIONS AND
MARKING DIAGRAM
DIP–8
N SUFFIX
CASE 626
1
8
VCC
COILB+
COILB–
SELECT
GND
COILA+
COILA–
SENSOR
1
8
Device
Package
Shipping
ORDERING INFORMATION
CS8441YN8
DIP–8
50 Units/Rail


Similar Part No. - CS8441

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8441 CHERRY-CS8441 Datasheet
149Kb / 4P
85mA Dual H-Bridge Odometer Driver with Divide by Select
CS8441XN8 CHERRY-CS8441XN8 Datasheet
149Kb / 4P
85mA Dual H-Bridge Odometer Driver with Divide by Select
More results

Similar Description - CS8441

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
logo
Cherry Semiconductor Co...
CS4161 CHERRY-CS4161 Datasheet
149Kb / 4P
85mA Dual H-Bridge Odometer Driver with Divide by Select and UVLO
Rev. 1/28/97
CS8441 CHERRY-CS8441 Datasheet
149Kb / 4P
85mA Dual H-Bridge Odometer Driver with Divide by Select
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
logo
ON Semiconductor
CS4161 ONSEMI-CS4161 Datasheet
59Kb / 8P
85 mA Dual H-Bridge Odometer Driver with Divide by Select and UVLO
March, 2001 ??Rev. 6
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
Stepper Motor Driver
December, 2001 - Rev. 2
logo
Texas Instruments
DRV8880 TI1-DRV8880 Datasheet
1Mb / 48P
Stepper Motor Driver With AutoTune
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com