Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8441YN8 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8441YN8
Description  Stepper Motor Driver with Divide by Select
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8441YN8 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8441YN8 Datasheet HTML 1Page - ON Semiconductor CS8441YN8 Datasheet HTML 2Page - ON Semiconductor CS8441YN8 Datasheet HTML 3Page - ON Semiconductor CS8441YN8 Datasheet HTML 4Page - ON Semiconductor CS8441YN8 Datasheet HTML 5Page - ON Semiconductor CS8441YN8 Datasheet HTML 6Page - ON Semiconductor CS8441YN8 Datasheet HTML 7Page - ON Semiconductor CS8441YN8 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CS8441
http://onsemi.com
2
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
Supply Voltage (VCC) (Note 1.):
Continuous
100 ms Pulse Transient
–0.5 to 24
–0.5 to 60
V
V
Input Voltage (VIN)
–0.3 to VCC + 0.3
V
Storage Temperature Range (TSTG)
–65 to 150
°C
Junction Temperature Range
–40 to 150
°C
ESD (Human Body Model)
2.0
kV
Lead Temperature Soldering:
Wave Solder: (through hole styles only) (Note 2.)
260 peak
°C
1. –40
°C to +125°C.
2. 10 second maximum.
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (–40
°C ≤ TA ≤ 125°C, 6.5 V ≤ VCC ≤ 15.5 V; unless otherwise stated. All voltage
shall be referenced to GND unless otherwise noted. Overvoltage shutdown of coils occurs when VCC > 16 V.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Supply, VCC
Supply Voltage Range
–40
°C ≤ TA ≤ 125°C
–40
°C ≤ TA ≤ 25°C
Transient Pulse, 100 ms
6.5
6.5
–
–
–
–
15.5
24
35
VDC
VDC
VDC
Supply Current
VCC = 15.5 VDC, Outputs not loaded.
–
24
35
mA
Overvoltage Shutdown
–
16
–
23
V
Speed Sensor Input, SENSOR
Input Frequency Range
–
–
0.2
1.0
kHz
Switching Threshold
–
1.2
–
2.4
VDC
Hysteresis
–
300
500
–
mVDC
Input Bias Current
0.8 VDC ≤ VIN ≤ VCC
–
0.1
±1.0
µA
Input Voltage Range
–
0
–
VCC
VDC
Operating Input Voltage
10 k
Ω Resistor in Series
–
–
–15 to VCC
VDC
Input Clamp Current
I Clamp at VIN = 0 VDC
–
–0.4
–5.0
mA
Divider Select Input, SELECT
Logic 0 Input Voltage
–
–
–
100
mVDC
Logic 1 Input Voltage
–
3.0
–
VCC
VDC
Logic 0 Input Current
0 V
≤ VIN ≤ 100 mV
–
–1.0
–100
µA
Logic 1 Input Current
3.0 V
≤ VIN ≤ 15.5 VDC
–
0.75
2.0
mA
Coil Output Drivers
Coil Load
+25
°C
198
210
222
Ω
Coil Inductance
–
–
80
–
mH
Coil Resistance Temperature
Coefficient
–
–
0.35
%/
°C
Energized Coil Voltage (Note 3.)
(Both Polarities) A and B
VCC = 6.5 VDC
VCC = 10 VDC
VCC = 15.5 VDC, –20°C ≤ TA ≤ 125°C
VCC = 15.5 VDC, –40°C ≤ TA ≤ –20°C
VCC – 1.5 V
VCC – 1.6 V
VCC – 1.75 V
VCC – 2.0 V
VCC – 0.9 V
VCC – 1.0 V
VCC – 1.1 V
VCC – 1.2 V
–
–
–
–
VDC
VDC
VDC
VDC
De–energized Coil Leakage Current
–
–
–
±100
µA
3. Voltage across the coils shall be measured at the specific voltages, but shall also be within linearly interpolated limits.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com