Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51033 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS51033
Description  Fast P?묬h FET Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51033 Datasheet(HTML) 2 Page - ON Semiconductor

  CS51033 Datasheet HTML 1Page - ON Semiconductor CS51033 Datasheet HTML 2Page - ON Semiconductor CS51033 Datasheet HTML 3Page - ON Semiconductor CS51033 Datasheet HTML 4Page - ON Semiconductor CS51033 Datasheet HTML 5Page - ON Semiconductor CS51033 Datasheet HTML 6Page - ON Semiconductor CS51033 Datasheet HTML 7Page - ON Semiconductor CS51033 Datasheet HTML 8Page - ON Semiconductor CS51033 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CS51033
http://onsemi.com
2
Figure 1. Typical Application Diagram
VGATE
PGND
COSC
GND
VC
CS
VCC
VFB
100
mF
0.1
mF
RB
300
C2
1.0
mF
GND
100
RC
10
W
RG
0.1
mF
CS
4.7
mH
IRF7404
D4
10
W
CIN
100
mF
1.5VOUT
@ 3.0 Amp
D1
D2
C1
0.1
mF
D3
1N5818
1N4148
1N4148
C3
100
mF
COSC
150 pF
RA
1.5 k
0.1
mF
GND
3.3VIN
1N5821
C0
100
mF
C4
0.1
mF
Note: Capacitors C2, C3, and C4, are low
ESR tantalum caps used for noise reduction.
MAXIMUM RATINGS
Rating
Value
Unit
Power Supply Voltage, VCC
5.0
V
Driver Supply Voltage, VC
20
V
Driver Output Voltage, VGATE
20
V
COSC, CS, VFB (Logic Pins)
5.0
V
Peak Output Current
1.0
A
Steady State Output Current
200
mA
Operating Junction Temperature, TJ
150
°C
Storage Temperature Range, TS
−65 to 150
°C
ESD (Human Body Model)
2.0
kV
Package Thermal Resistance,
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
45
165
°C/W
°C/W
Lead Temperature Soldering:
Reflow (SMD styles only) (Note 1)
230 peak
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 60 sec. max above 183
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com