Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51313GD16 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS51313GD16
Description  Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51313GD16 Datasheet(HTML) 3 Page - ON Semiconductor

  CS51313GD16 Datasheet HTML 1Page - ON Semiconductor CS51313GD16 Datasheet HTML 2Page - ON Semiconductor CS51313GD16 Datasheet HTML 3Page - ON Semiconductor CS51313GD16 Datasheet HTML 4Page - ON Semiconductor CS51313GD16 Datasheet HTML 5Page - ON Semiconductor CS51313GD16 Datasheet HTML 6Page - ON Semiconductor CS51313GD16 Datasheet HTML 7Page - ON Semiconductor CS51313GD16 Datasheet HTML 8Page - ON Semiconductor CS51313GD16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
CS51313
http://onsemi.com
3
MAXIMUM RATINGS*
Rating
Value
Unit
Operating Junction Temperature, TJ
150
°C
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Storage Temperature Range, TS
−65 to +150
°C
ESD Susceptibility (Note 2)
2.0
kV
1. 60 second maximum above 183°C.
2. All pins are rated 2.0 kV except for the VREF pin (Pin 5) which is typically rated at 800 V.
*The maximum package power dissipation must be observed.
MAXIMUM RATINGS
Pin Name
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
Bandgap Reference Voltage
VREF
6.0 V
−0.3 V
1.0 mA
1.0 mA
IC Power Input
VCC
16 V
−0.3 V
N/A
1.5 A Peak, 200 mA DC
Compensation Pin
COMP
6.0 V
−0.3 V
1.0 mA
5.0 mA
Voltage Feedback Input,
Output Voltage Sense Pin,
Voltage ID DAC Inputs
VFB, VOUT, VID0−4
6.0 V
−0.3 V
1.0 mA
1.0 mA
Off−Time Pin
COFF
6.0 V
−0.3 V
1.0 mA
50 mA
High Side, Low Side FET Drivers
GATE(H), GATE(L)
16 V
−0.3 V
1.5 A Peak, 200 mA DC
1.5 A Peak, 200 mA DC
Power Good Output
PWRGD
6.0 V
−0.3 V
1.0 mA
30 mA
Overvoltage Protection
OVP
15 V
−0.3 V
30 mA
1.0 mA
Ground
GND
0 V
0 V
1.5 A Peak, 200 mA DC
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com