Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51411 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CS51411
Description  1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51411 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CS51411 Datasheet HTML 9Page - ON Semiconductor CS51411 Datasheet HTML 10Page - ON Semiconductor CS51411 Datasheet HTML 11Page - ON Semiconductor CS51411 Datasheet HTML 12Page - ON Semiconductor CS51411 Datasheet HTML 13Page - ON Semiconductor CS51411 Datasheet HTML 14Page - ON Semiconductor CS51411 Datasheet HTML 15Page - ON Semiconductor CS51411 Datasheet HTML 16Page - ON Semiconductor CS51411 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
13
The RMS current of the input capacitor can be calculated
using:
IRMS + IO D(1 * D)
where:
D = switching duty cycle which is equal to VO/VIN.
IO = load current.
Figure 18. Input Voltage Ripple in a Buck Converter
To calculate the RMS current, multiply the load current
with the constant given by Figure 19 at each duty cycle. It is
a common practice to select the input capacitor with an RMS
current rating more than half the maximum load current. If
multiple capacitors are paralleled, the RMS current for each
capacitor should be the total current divided by the number
of capacitors.
Figure 19. Input Capacitor RMS Current can be
Calculated by Multiplying Y Value with Maximum Load
Current at any Duty Cycle
0
0.2
0.4
1.0
DUTY CYCLE
0
0.1
0.3
0.4
0.5
0.6
0.2
0.6
0.8
Selecting the capacitor type is determined by each
design’s
constraint
and
emphasis.
The
aluminum
electrolytic capacitors are widely available at lowest cost.
Their ESR and Equivalent Series Inductor (ESL) are
relatively high. Multiple capacitors are usually paralleled to
achieve lower ESR. In addition, electrolytic capacitors
usually need to be paralleled with a ceramic capacitor for
filtering high frequency noises. The OS−CON are solid
aluminum electrolytic capacitors, and therefore has a much
lower ESR. Recently, the price of the OS−CON capacitors
has dropped significantly so that it is now feasible to use
them for some low cost designs. Electrolytic capacitors are
physically large, and not used in applications where the size,
and especially height is the major concern.
Ceramic capacitors are now available in values over 10
mF.
Since the ceramic capacitor has low ESR and ESL, a single
ceramic capacitor can be adequate for both low frequency
and high frequency noises. The disadvantage of ceramic
capacitors are their high cost. Solid tantalum capacitors can
have low ESR and small size. However, the reliability of the
tantalum capacitor is always a concern in the application
where the capacitor may experience surge current.
Output Capacitor
In a buck converter, the requirements on the output
capacitor are not as critical as those on the input capacitor.
The current to the output capacitor comes from the inductor
and thus is triangular. In most applications, this makes the
RMS ripple current not an issue in selecting output
capacitors.
The output ripple voltage is the sum of a triangular wave
caused by ripple current flowing through ESR, and a square
wave due to ESL. Capacitive reactance is assumed to be
small compared to ESR and ESL. The peak−to−peak ripple
current of the inductor is:
IP
* P +
VO(VIN * VO)
(VIN)(L)(fS)
VRIPPLE(ESR), the output ripple due to the ESR, is equal
to the product of IP−P and ESR. The voltage developed
across the ESL is proportional to the di/dt of the output
capacitor. It is realized that the di/dt of the output capacitor
is the same as the di/dt of the inductor current. Therefore,
when the switch turns on, the di/dt is equal to (VIN − VO)/L,
and it becomes VO/L when the switch turns off. The total
ripple voltage induced by ESL can then be derived from
VRIPPLE(ESL) + ESL(
VIN
L
)
) ESL(
VIN * VO
L
)
+ ESL(
VIN
L
)
The total output ripple is the sum of the VRIPPLE(ESR) and
VRIPPLE(ESR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com