Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8538SDASP1 Datasheet(PDF) 1 Page - Schneider Electric

Part # 8538SDASP1
Description  Non-Rever. Combo Starter Size 2, 3P, Melting Alloy Overload, NEMA 12 Options
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8538SDASP1 Datasheet(HTML) 1 Page - Schneider Electric

  8538SDASP1 Datasheet HTML 1Page - Schneider Electric 8538SDASP1 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
To be discontinued
Non-Rever. Combo Starter Size 2,
3P, Melting Alloy Overload, NEMA
12 +Options
8538SDASP1
Discontinued on: 15 September 2023
Product availability : Stock - Normally stocked in distribution
facility
Main
Product
Combination Starter
Type
S
Control Circuit Type
Separate control circuit
Complementary
Control Circuit Voltage
110 V AC 50 Hz
120 V AC 60 Hz
Starter Type
Non reversing
Line Rated Current
45 A
Number of Poles
3P
Horsepower Rating
10 hp 200 V AC, 3 phase
10 hp 230 V AC, 3 phase
Maximum Voltage Rating
600 V AC
Control Units
Selector switch HAND-OFF-AUTO)
Pilot Light
Red indicator on LED
Green indicator off LED
Auxiliary Contacts
2 NO + 2 NC
Thermal overload type
Melting alloy 3
Disconnect Type
Fusible disconnect switch H and K, 60 A, electrical SPDT
NEMA size
2
Height
27.75 in (704.85 mm)
Depth
9.59 in (243.59 mm)
Width
10.5 in (266.70 mm)
Handle Swing
3.25 in (82.55 mm)
Environment
Enclosure Type
NEMA 12 painted sheet steel with external reset
Product Certifications
CSA
UL Listed
 
Sep 15, 2023
1


Similar Part No. - 8538SDASP1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8538SDASP3 SCHNEIDER-8538SDASP3 Datasheet
104Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SDASP4 SCHNEIDER-8538SDASP4 Datasheet
106Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SDASP5 SCHNEIDER-8538SDASP5 Datasheet
105Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SDASP6 SCHNEIDER-8538SDASP6 Datasheet
107Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
More results

Similar Description - 8538SDASP1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9065SDO8 SCHNEIDER-9065SDO8 Datasheet
115Kb / 2P
Melting alloy overload relay, NEMA Size 2, three pole, 45 A, 600 VAC
Dec 22, 2020
9065SEO4S1 SCHNEIDER-9065SEO4S1 Datasheet
55Kb / 1P
MELTING ALLOY OVERLOAD RELAY 600V NEMA
Dec 22, 2020
9065SEO7S1 SCHNEIDER-9065SEO7S1 Datasheet
55Kb / 1P
MELTING ALLOY OVERLOAD RELAY 600V NEMA
Dec 22, 2020
9065TO1 SCHNEIDER-9065TO1 Datasheet
158Kb / 2P
Melting Alloy Overload Relay Size 2 One Pole 45A 600VAC/DC
Dec 22, 2020
9065SDO8 SCHNEIDER-9065SDO8_V01 Datasheet
124Kb / 2P
Melting alloy overload relay, NEMA Size 2, three pole, 45 A, 600 VAC
May 25, 2022
9065SEO4S1 SCHNEIDER-9065SEO4S1_V01 Datasheet
64Kb / 1P
MELTING ALLOY OVERLOAD RELAY 600V NEMA
May 25, 2022
9065SEO7S1 SCHNEIDER-9065SEO7S1_V01 Datasheet
65Kb / 1P
MELTING ALLOY OVERLOAD RELAY 600V NEMA
May 25, 2022
9065SEO8 SCHNEIDER-9065SEO8_V01 Datasheet
159Kb / 2P
Overload Relay, Type S, melting alloy, separate mount overload, NEMA size 2, 3 pole, 3 phase, 45A, 600VAC
May 25, 2022
9065TO1 SCHNEIDER-9065TO1_V01 Datasheet
167Kb / 2P
Overload Relay, Type S, melting alloy, NEMA size 2, one pole, 45A, 600VAC/DC
May 25, 2022
8536SDA6V03 SCHNEIDER-8536SDA6V03 Datasheet
121Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 7.5 HP nonreversing, Size 2, 45A, 7.5 HP 2 pole, melting alloy, 240 VAC coil, NEMA 12
Jul 13, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com