Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS52843 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS52843
Description  Current Mode PWM Control Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS52843 Datasheet(HTML) 6 Page - ON Semiconductor

  CS52843 Datasheet HTML 1Page - ON Semiconductor CS52843 Datasheet HTML 2Page - ON Semiconductor CS52843 Datasheet HTML 3Page - ON Semiconductor CS52843 Datasheet HTML 4Page - ON Semiconductor CS52843 Datasheet HTML 5Page - ON Semiconductor CS52843 Datasheet HTML 6Page - ON Semiconductor CS52843 Datasheet HTML 7Page - ON Semiconductor CS52843 Datasheet HTML 8Page - ON Semiconductor CS52843 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CS52843
http://onsemi.com
6
Figure 5. Startup Voltage for the CS52843
VON = 8.4 V
ON/OFF Command to reset of IC
ICC
VCC
VOFF = 7.6 V
VON VOFF
VCC
< 15 mA
< 500 μA
Undervoltage Lockout
During Undervoltage Lockout (Figure 5), the output
driver is biased to sink minor amounts of current. The output
should be shunted to ground with a resistor to prevent
activating the power switch with extraneous leakage
currents.
PWM Waveform
To generate the PWM waveform, the control voltage from
the error amplifier is compared to a current sense signal
which represents the peak output inductor current (Figure
6). An increase in VCC causes the inductor current slope to
increase, thus reducing the duty cycle. This is an inherent
feed−forward characteristic of current mode control, since
the control voltage does not have to change during changes
of input supply voltage.
When the power supply sees a sudden large output current
increase, the control voltage will increase allowing the duty
cycle to momentarily increase. Since the duty cycle tends to
exceed the maximum allowed to prevent transformer
saturation in some power supplies, the internal oscillator
waveform provides the maximum duty cycle clamp as
programmed by the selection of oscillator timing
components.
Figure 6. Timing Diagram
VOSC
OSC
RESET
Toggle
F/F Output
EA Output
Switch
Current
VCC
IO
VO
Setting the Oscillator
The times tc and td can be determined as follows:
tc + RTCT ln
VREF * VLOWER
VREF * VUPPER
td + RTCT ln
VREF * IdRTVLOWER
VREF * IdRT * VUPPER
Substituting in typical values for the parameters in the
above formulas:
VREF + 5.0 V, VUPPER + 2.7 V,
VLOWER + 1.0 V, Id + 8.3 mA
then
tc [ 0.5534RTCT
td + RTCT ln
2.3 * 0.0083RT
4.0 * 0.0083RT
For better accuracy RT should be ≥ 10 kΩ.
Grounding
High peak currents associated with capacitive loads
necessitate careful grounding techniques. Timing and
bypass capacitors should be connected close to GND in a
single point ground.
The transistor and 5.0 kΩ potentiometer are used to
sample the oscillator waveform and apply an adjustable
ramp to Sense.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com