Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS52015-1GDPR3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS52015-1GDPR3
Description  1.5 A Adjustable Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS52015-1GDPR3 Datasheet(HTML) 5 Page - ON Semiconductor

  CS52015-1GDPR3 Datasheet HTML 1Page - ON Semiconductor CS52015-1GDPR3 Datasheet HTML 2Page - ON Semiconductor CS52015-1GDPR3 Datasheet HTML 3Page - ON Semiconductor CS52015-1GDPR3 Datasheet HTML 4Page - ON Semiconductor CS52015-1GDPR3 Datasheet HTML 5Page - ON Semiconductor CS52015-1GDPR3 Datasheet HTML 6Page - ON Semiconductor CS52015-1GDPR3 Datasheet HTML 7Page - ON Semiconductor CS52015-1GDPR3 Datasheet HTML 8Page - ON Semiconductor CS52015-1GDPR3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CS52015−1
http://onsemi.com
5
R1 is chosen so that the minimum load current is at least
2.0 mA. R1 and R2 should be the same type, e.g. metal film
for best tracking over temperature. While not required, a
bypass capacitor from the adjust pin to ground will improve
ripple rejection and transient response. A 0.1
mF tantalum
capacitor is recommended for “first cut” design. Type and
value may be varied to obtain optimum performance vs.
price.
Figure 11. Resistor Divider Scheme
VIN
CS52015−1
VOUT
Adj
VREF
R1
R2
VOUT
VIN
C1
C2
CAdj
IAdj
Short Circuit Protection
The CS52015−1 linear regulator has an absolute
maximum specification of 7.0 V for the voltage difference
between VIN and VOUT. However, the IC may be used to
regulate voltages in excess of 7.0 V. The main considerations
in such a design are power−up and short circuit capability.
In most applications, ramp−up of the power supply to VIN
is fairly slow, typically on the order of several tens of
milliseconds, while the regulator responds in less than one
microsecond. In this case, the linear regulator begins
charging the load as soon as the VIN to VOUT differential is
large enough that the pass transistor conducts current. The
load at this point is essentially at ground, and the supply
voltage is on the order of several hundred millivolts, with the
result that the pass transistor is in dropout. As the supply to
VIN increases, the pass transistor will remain in dropout, and
current is passed to the load until VOUT reaches the point at
which the IC is in regulation. Further increase in the supply
voltage brings the pass transistor out of dropout. The result
is that the output voltage follows the power supply ramp−up,
staying in dropout until the regulation point is reached. In
this manner, any output voltage may be regulated. There is
no theoretical limit to the regulated voltage as long as the
VIN to VOUT differential of 7.0 V is not exceeded.
However, the possibility of destroying the IC in a short
circuit condition is very real for this type of design. Short
circuit conditions will result in the immediate operation of
the pass transistor outside of its safe operating area.
Over−voltage stresses will then cause destruction of the pass
transistor before overcurrent or thermal shutdown circuitry
can become active. Additional circuitry may be required to
clamp the VIN to VOUT differential to less than 7.0 V if
fail−safe operation is required. One possible clamp circuit is
illustrated in Figure 12; however, the design of clamp
circuitry must be done on an application by application
basis. Care must be taken to ensure the clamp actually
protects the design. Components used in the clamp design
must be able to withstand the short circuit condition
indefinitely while protecting the IC.
Figure 12. Short Circuit Protection Circuit for
High Voltage Application.
VIN
VOUT
VAdj
EXTERNAL SUPPLY
VOUT
Stability Considerations
The output compensation capacitor helps determine three
main characteristics of a linear regulator: start−up delay,
load transient response, and loop stability.
The capacitor value and type is based on cost, availability,
size and temperature constraints. A tantalum or aluminum
electrolytic capacitor is best, since a film or ceramic
capacitor with almost zero ESR can cause instability. The
aluminum electrolytic capacitor is the least expensive
solution. However, when the circuit operates at low
temperatures, both the value and ESR of the capacitor will
vary considerably. The capacitor manufacturer’s data sheet
provides this information.
A 22
mF tantalum capacitor will work for most
applications, but with high current regulators such as the
CS52015−1 the transient response and stability improve
with higher values of capacitance. The majority of
applications for this regulator involve large changes in load
current so the output capacitor must supply the
instantaneous load current. The ESR of the output capacitor
causes an immediate drop in output voltage given by:
DV + DI
ESR
For microprocessor applications it is customary to use an
output capacitor network consisting of several tantalum and
ceramic capacitors in parallel. This reduces the overall ESR
and reduces the instantaneous output voltage drop under
transient load conditions. The output capacitor network
should be as close as possible to the load for the best results.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com