Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS52015-3GDPR3 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS52015-3GDPR3
Description  1.5 A, 3.3 V Fixed Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS52015-3GDPR3 Datasheet(HTML) 6 Page - ON Semiconductor

  CS52015-3GDPR3 Datasheet HTML 1Page - ON Semiconductor CS52015-3GDPR3 Datasheet HTML 2Page - ON Semiconductor CS52015-3GDPR3 Datasheet HTML 3Page - ON Semiconductor CS52015-3GDPR3 Datasheet HTML 4Page - ON Semiconductor CS52015-3GDPR3 Datasheet HTML 5Page - ON Semiconductor CS52015-3GDPR3 Datasheet HTML 6Page - ON Semiconductor CS52015-3GDPR3 Datasheet HTML 7Page - ON Semiconductor CS52015-3GDPR3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CS52015−3
http://onsemi.com
6
ADDITIONAL ORDERING INFORMATION
Orderable Part Number
Type*
Package
Shipping†
CS52015−3GT3
1.5 A, 3.3 V Output
TO−220−3, STRAIGHT
50 Units / Rail
CS52015−3GDP3
1.5 A, 3.3 V Output
D2PAK−3
50 Units / Rail
CS52015−3GDPR3
1.5 A, 3.3 V Output
D2PAK−3
750 / Tape & Reel
CS52015−3GST3
1.5 A, 3.3 V Output
SOT−223
80 Units / Rail
CS52015−3GSTR3
1.5 A, 3.3 V Output
SOT−223
2500 / Tape & Reel
*Consult your local sales representative for other fixed output voltage versions.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
MARKING DIAGRAMS
52015−3
AWLYWW
1
AYW
52015
1
CS52015−3
AWLYWW
1
D2PAK−3
DP SUFFIX
CASE 418AB
SOT−223
ST SUFFIX
CASE 318E
TO−220−3
T SUFFIX
CASE 221A
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
CS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com