Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS59201GD8 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS59201GD8
Description  Winchester Servo Preamplifier with Low Current Drain
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS59201GD8 Datasheet(HTML) 1 Page - ON Semiconductor

  CS59201GD8 Datasheet HTML 1Page - ON Semiconductor CS59201GD8 Datasheet HTML 2Page - ON Semiconductor CS59201GD8 Datasheet HTML 3Page - ON Semiconductor CS59201GD8 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 2
1
Publication Order Number:
CS59201/D
CS59201
Winchester Servo
Preamplifier with
Low Current Drain
The CS59201 is a low noise servo preamplifier for use with ferrite
heads. It is a differential input, differential output design with fixed
gain of approximately 100. Features include low noise, wide
bandwidth and low current drain.
Features
• 50 MHz Bandwidth
• Operates From Any of Three Standard Supply Voltages:
− 8.3 V (IBM Compatible)
− 10 V
− 12 V
• Available in SO−8 Package
OUT+
OUT−
IN+
IN−
VCC
VEE
Figure 1. Block Diagram
http://onsemi.com
PIN CONNECTION AND
MARKING DIAGRAM
SO−8
D SUFFIX
CASE 751
1
8
OUT+
VEE
1
8
OUT−
NC
VCC
IN−
NC
IN+
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
CS59201GD8
SO−8
95 Units/Rail
CS59201GDR8
SO−8
2500 Tape & Reel


Similar Part No. - CS59201GD8

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS5920 AMCC-CS5920 Datasheet
2Mb / 160P
Full 132 Mbytes/sec Transfer Rate
More results

Similar Description - CS59201GD8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62475FP MITSUBISHI-M62475FP Datasheet
168Kb / 19P
AUTOMATIC ADJUSTMENT CD PREAMPLIFIER SERVO CONTROLLER
logo
NEC
UPC1228 NEC-UPC1228 Datasheet
1Mb / 10P
LOW NOISE DUAL PREAMPLIFIER
logo
National Semiconductor ...
CLC5509 NSC-CLC5509 Datasheet
445Kb / 11P
Ultra-Low Noise Preamplifier
logo
Hitachi Semiconductor
HA12017 HITACHI-HA12017 Datasheet
494Kb / 6P
LOW NOISE PREAMPLIFIER
logo
List of Unclassifed Man...
QA605 ETC-QA605 Datasheet
58Kb / 2P
Low Noise Preamplifier
WD1010 ETC1-WD1010 Datasheet
2Mb / 30P
Winchester Disk Controller
logo
NEC
UPC754 NEC-UPC754 Datasheet
119Kb / 2P
MAGNETIC SERVO HEAD PREAMPLIFIER
logo
National Semiconductor ...
LM382 NSC-LM382 Datasheet
163Kb / 3P
Low Noise Dual Preamplifier
logo
Renesas Technology Corp
M62475FP RENESAS-M62475FP Datasheet
6Mb / 20P
AUTOMATIC ADJUSTMENT CD PREAMPLIFIER SERVO CONTROLLER
logo
Winchester Electronics ...
H16 WINCHESTER-H16 Datasheet
275Kb / 1P
WINCHESTER ELECTRONICS.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com