Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAP222G Datasheet(PDF) 2 Page - ON Semiconductor

Part # DAP222G
Description  Common Anode Silicon Dual Switching Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP222G Datasheet(HTML) 2 Page - ON Semiconductor

  DAP222G Datasheet HTML 1Page - ON Semiconductor DAP222G Datasheet HTML 2Page - ON Semiconductor DAP222G Datasheet HTML 3Page - ON Semiconductor DAP222G Datasheet HTML 4Page - ON Semiconductor DAP222G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DAP222, DAP202U
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Condition
Min
Max
Unit
Reverse Voltage Leakage Current
IR
VR = 70 V
−
0.1
mAdc
Forward Voltage
VF
IF = 100 mA
−
1.2
Vdc
Reverse Breakdown Voltage
VR
IR = 100 mA
80
−
Vdc
Diode Capacitance
CD
VR = 6.0 V, f = 1.0 MHz
−
3.5
pF
Reverse Recovery Time
DAP222
DAP202U
trr(2)
ttt(3)
IF = 5.0 mA, VR = 6.0 V, RL = 100 W, Irr = 0.1 IR
IF = 5.0 mA, VR = 6.0 V, RL = 50 W, Irr = 0.1 IR
−
−
4.0
10.0
ns
1. t = 1
mS
2. trr Test Circuit for DAP222 in Figure 4.
3. trr Test Circuit for DAP202U in Figure 5.
TYPICAL ELECTRICAL CHARACTERISTICS
100
0.2
0.4
VF, FORWARD VOLTAGE (VOLTS)
0.6
0.8
1.0
1.2
10
1.0
0.1
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
10
20
30
40
50
1.75
0
VR, REVERSE VOLTAGE (VOLTS)
1.5
1.25
1.0
0.75
24
6
8
Figure 1. Forward Voltage
Figure 2. Reverse Current
Figure 3. Diode Capacitance
TA = 150°C
TA = 125°C
TA = 85°C
TA = 55°C
TA = 25°C
TA = 85°C
TA = −40°C
TA = 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com