Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3081E Datasheet(PDF) 18 Page - Sipex Corporation

Part # SP3081E
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3081E Datasheet(HTML) 18 Page - Sipex Corporation

Back Button SP3081E Datasheet HTML 14Page - Sipex Corporation SP3081E Datasheet HTML 15Page - Sipex Corporation SP3081E Datasheet HTML 16Page - Sipex Corporation SP3081E Datasheet HTML 17Page - Sipex Corporation SP3081E Datasheet HTML 18Page - Sipex Corporation SP3081E Datasheet HTML 19Page - Sipex Corporation SP3081E Datasheet HTML 20Page - Sipex Corporation SP3081E Datasheet HTML 21Page - Sipex Corporation SP3081E Datasheet HTML 22Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Rev M 2/22/2007
SP3080E-3088E Advanced RS485 Transceivers
© Copyright 2007 Sipex Corporation
18
DESCRIPTION
1.5V
-1.5V
GENERATOR
S3
B
A
RE
50Ω
1KΩ
CL=15pF
S1
S2
VCC
RE
3V
1.5V
tZH, tZH(SHDN)
OUT
VOH
VOH/2
0V
S1 is open, S2 is closed, S3=1.5V
S1 is closed, S2 is open, S3= -1.5V
RE
OUT
VOL = VCC/2
VOL
VCC
0V
1.5V
3V
tZL, tZL(SHDN)
S1 is open, S2 is closed, S3=1.5V
RE
0.25V
OUT
1.5V
3V
VOH
0V
S1 is closed, S2 is open, S3= -1.5V
RE
OUT
3V
1.5V
tLZ
0V
VCC
VOL
0.25V
Receiver Enable and Disable Times Test Circuit
Receiver Enable and DisableTiming Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com