Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC8DG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MAC8DG
Description  Triacs Silicon Bidirectional Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC8DG Datasheet(HTML) 2 Page - ON Semiconductor

  MAC8DG Datasheet HTML 1Page - ON Semiconductor MAC8DG Datasheet HTML 2Page - ON Semiconductor MAC8DG Datasheet HTML 3Page - ON Semiconductor MAC8DG Datasheet HTML 4Page - ON Semiconductor MAC8DG Datasheet HTML 5Page - ON Semiconductor MAC8DG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MAC8D, MAC8M, MAC8N
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Case
RqJC
2.2
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Blocking Current (VD = Rated VDRM, VRRM; Gate Open) TJ = 25°C
TJ = 125°C
IDRM,
IRRM
−
−
−
−
0.01
2.0
mA
ON CHARACTERISTICS
Peak On-State Voltage (Note 2), (ITM = ± 11 A Peak)
VTM
−
1.2
1.6
V
Gate Trigger Current (Continuous DC) (VD = 12 V, RL = 100 W)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
IGT
5.0
5.0
5.0
13
16
18
35
35
35
mA
Holding Current, (VD = 12 V, Gate Open, Initiating Current = ±150 mA)
IH
−
20
40
mA
Latching Current (VD = 24 V, IG = 35 mA), MT2(+), G(+); MT2(−), G(−)
MT2(+), G(−)
IL
−
−
20
30
50
80
mA
Gate Trigger Voltage (VD = 12 V, RL = 100 W)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
VGT
0.5
0.5
0.5
0.69
0.77
0.72
1.5
1.5
1.5
V
Gate Non−Trigger Voltage (VD = 12 V, RL = 100 W, TJ = 125°C)
MT2(+), G(+); MT2(+), G(−); MT2(−), G(−)
VGD
0.2
−
−
V
DYNAMIC CHARACTERISTICS
Rate of Change of Commutating Current See Figure 10.(VD = 400 V, ITM = 4.4 A,
Commutating dv/dt = 18 V/
ms,Gate Open, TJ = 125°C, f = 250 Hz, No Snubber)
CL = 10 mF
LL = 40 mH
(di/dt)c
6.5
−
−
A/ms
Critical Rate of Rise of Off-State Voltage (VD = Rated VDRM, Exponential Waveform,
Gate Open, TJ = 125°C)
dv/dt
250
−
−
V/
ms
2. Indicates Pulse Test: Pulse Width
≤ 2.0 ms, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com