Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16 Datasheet(PDF) 42 Page - STMicroelectronics

Part # M25P16
Description  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M25P16_07 Datasheet HTML 38Page - STMicroelectronics M25P16_07 Datasheet HTML 39Page - STMicroelectronics M25P16_07 Datasheet HTML 40Page - STMicroelectronics M25P16_07 Datasheet HTML 41Page - STMicroelectronics M25P16_07 Datasheet HTML 42Page - STMicroelectronics M25P16_07 Datasheet HTML 43Page - STMicroelectronics M25P16_07 Datasheet HTML 44Page - STMicroelectronics M25P16_07 Datasheet HTML 45Page - STMicroelectronics M25P16_07 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
DC and AC parameters
M25P16
42/55
tPP
(8)
Page Program cycle time (256 Bytes)
0.64
5ms
Page Program cycle time (n Bytes, where n = 1
to 4)
0.01
Page Program cycle time (n Bytes, where n = 5
to 256)
int(n/8) × 0.02(9)
tSE
Sector erase cycle Time
0.6
3
s
tBE
Bulk erase cycle Time
13
40
s
1.
Preliminary data.
2.
Details of how to find the Technology Process in the marking are given in AN1995, see also Section 12:
Part numbering.
3.
Typical values given for TA = 25°C.
4.
tCH + tCL must be greater than or equal to 1/ fC
5.
Value guaranteed by characterization, not 100% tested in production.
6.
Expressed as a slew-rate.
7.
Only applicable as a constraint for a WRSR instruction when SRWD is set at 1.
8.
When using the Page Program (PP) instruction to program consecutive Bytes, optimized timings are
obtained with one sequence including all the Bytes versus several sequences of only a few Bytes. (1
≤n ≤
256)
9.
int(A) corresponds to the upper integer part of A. E.g. int(12/8) = 2, int(32/8) = 4 int(15.3) =16.
Table 16.
AC characteristics (Grade 6, T9HX (0.11µm) technology)(1) (continued)
Applies only to products made with T9HX (0.11µm) Technology, identified with Process digit
“4”(2)
Test conditions specified in Table 10 and Table 12
Symbol Alt.
Parameter
Min.
Typ.(3)
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com