Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM393
Description  Low Power Dual Voltage Comparators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM393 Datasheet(HTML) 5 Page - STMicroelectronics

  LM393 Datasheet HTML 1Page - STMicroelectronics LM393 Datasheet HTML 2Page - STMicroelectronics LM393 Datasheet HTML 3Page - STMicroelectronics LM393 Datasheet HTML 4Page - STMicroelectronics LM393 Datasheet HTML 5Page - STMicroelectronics LM393 Datasheet HTML 6Page - STMicroelectronics LM393 Datasheet HTML 7Page - STMicroelectronics LM393 Datasheet HTML 8Page - STMicroelectronics LM393 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LM193, LM193A, LM293, LM293A, LM393, LM393A
Electrical Characteristics
5/15
4
Electrical Characteristics
Table 3.
VCC
+ = +5V, V
CC
-= 0V, T
amb = +25°C (unless otherwise specified)
Symbol
Parameter
LM193A - LM293A
LM393A
LM193- LM293
LM393
Unit
Min.
Typ.
Max.
Min
Typ.
Max.
Vio
Input Offset Voltage - note (1)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
1.
At output switch point, Vo ≈ 1.4V, Rs = 0 with VCC
+ from 5V to 30V, and over the full common-mode range (0V to V
CC
+ -
1.5V).
12
4
15
9
mV
Iio
Input Offset Current
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
325
100
550
150
nA
Iib
Input Bias Current (I+ or I-) - note (2)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
2.
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant,
independent of the state of the output, so no loading charge exists on the reference of input lines.
25
100
300
25
250
400
nA
Avd
Large Signal Voltage Gain
VCC = 15V, RL = 15kΩ, Vo = 1V to 11V
50
200
50
200
V/mV
ICC
Supply Current (all comparators)
VCC = +5V, no load
VCC = +30V, no load
0.4
1
1
2.5
0.4
1
1
2.5
mA
Vicm
Input Common Mode Voltage Range - note (3)
VCC = 30V
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
3.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The
upper end of the common-mode voltage range is VCC
+ -1.5V, but either or both inputs can go to +30V without damage.
0
0
VCC
+ -1.5
VCC
+ -2
0
0
VCC
+ -1.5
VCC
+ -2
V
Vid
Differential Input Voltage -note (4)
4.
The response time specified is for a 100mV input step with 5mV overdrive. For larger overdrive signals 300ns can be
obtained.
VCC
+
VCC
+
VOL
Low Level Output Voltage
Vid = -1V, Isink = 4mA
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
250
400
700
250
400
700
mV
IOH
High Level Output Current (Vid = 1V)
VCC = Vo = 30V
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
0.1
1
0.1
1
nA
µA
ISINK
Output Sink Current
Vid= 1V, Vo = 1.5V
6
16
6
16
mA
tre
Response Time - note (5)
RL= 5.1kΩ connected to VCC
+
5.
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the
common-mode range, the comparator will provide a proper output state. The low input voltage state must not be less than -
0.3V (or 0.3V bellow the negative power supply, if used).
1.3
1.3
µs
trel
Large Signal Response Time
RL= 5.1kΩ connected to VCC
+, e
l = TTL,
V(ref) = +1.4v
300
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com