Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16 Datasheet(PDF) 43 Page - STMicroelectronics

Part # M25P16
Description  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M25P16 Datasheet HTML 39Page - STMicroelectronics M25P16 Datasheet HTML 40Page - STMicroelectronics M25P16 Datasheet HTML 41Page - STMicroelectronics M25P16 Datasheet HTML 42Page - STMicroelectronics M25P16 Datasheet HTML 43Page - STMicroelectronics M25P16 Datasheet HTML 44Page - STMicroelectronics M25P16 Datasheet HTML 45Page - STMicroelectronics M25P16 Datasheet HTML 46Page - STMicroelectronics M25P16 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
M25P16
DC and AC parameters
43/55
Table 17.
AC characteristics (25 MHz operation, Grade 3)(1)
Test conditions specified in Table 10 and Table 12
Symbol
Alt.
Parameter
Min.
Typ.
Max.
Unit
fC
fC
Clock Frequency for the following instructions:
FAST_READ, PP, SE, BE, DP, RES, WREN,
WRDI, RDSR, WRSR
D.C.
25
MHz
fR
Clock Frequency for READ instructions
D.C.
20
MHz
tCH
(2)
tCLH
Clock High Time
18
ns
tCL
(2)
tCLL
Clock Low Time
18
ns
tCLCH
(3)
Clock Rise Time(4) (peak to peak)
0.1
V/ns
tCHCL
(3)
Clock Fall Time(4) (peak to peak)
0.1
V/ns
tSLCH
tCSS
S Active Setup Time (relative to C)
10
ns
tCHSL
S Not Active Hold Time (relative to C)
10
ns
tDVCH
tDSU
Data In Setup Time
5
ns
tCHDX
tDH
Data In Hold Time
5
ns
tCHSH
S Active Hold Time (relative to C)
10
ns
tSHCH
S Not Active Setup Time (relative to C)
10
ns
tSHSL
tCSH
S Deselect Time
100
ns
tSHQZ
(3)
tDIS
Output Disable Time
15
ns
tCLQV
tV
Clock Low to Output Valid
15
ns
tCLQX
tHO
Output Hold Time
0
ns
tHLCH
HOLD Setup Time (relative to C)
10
ns
tCHHH
HOLD Hold Time (relative to C)
10
ns
tHHCH
HOLD Setup Time (relative to C)
10
ns
tCHHL
HOLD Hold Time (relative to C)
10
ns
tHHQX
(3)
tLZ
HOLD to Output Low-Z
15
ns
tHLQZ
(3)
tHZ
HOLD to Output High-Z
20
ns
tWHSL
(5)
Write Protect Setup Time
20
ns
tSHWL
(5)
Write Protect Hold Time
100
ns
tDP
(3)
S High to Deep Power-down Mode
3
µs
tRES1
(3)
S High to Standby Mode without Electronic
Signature Read
3µs
tRES2
(3)
S High to Standby Mode with Electronic
Signature Read
1.8
µs
tW
(6)
Write Status Register cycle time
1.5
15
ms
tPP
(6)
Page Program cycle time (256 bytes)
0.8
5ms
Page Program cycle time (n bytes)
int(n/8) × 0.025(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com