Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393A Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM393A
Description  Low Power Dual Voltage Comparators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM393A Datasheet(HTML) 1 Page - STMicroelectronics

  LM393A Datasheet HTML 1Page - STMicroelectronics LM393A Datasheet HTML 2Page - STMicroelectronics LM393A Datasheet HTML 3Page - STMicroelectronics LM393A Datasheet HTML 4Page - STMicroelectronics LM393A Datasheet HTML 5Page - STMicroelectronics LM393A Datasheet HTML 6Page - STMicroelectronics LM393A Datasheet HTML 7Page - STMicroelectronics LM393A Datasheet HTML 8Page - STMicroelectronics LM393A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
February 2006
Rev. 6
1/15
15
LM193, LM193A, LM293,
LM293A, LM393, LM393A
Low Power Dual Voltage Comparators
■ Wide single-supply voltage range or dual
supplies: +2V to +36V or ±1V to ±18V
■ Very low supply current (0.4mA) independent
of supply voltage (1mW/comparator at +5V)
■ Low input bias current: 25nA typ.
■ Low input offset current: ±5nA typ.
■ Low input offset voltage: ±1mV typ.
■ Input common-mode voltage range includes
ground
■ Low output saturation voltage: 250mV typ. (Io =
4mA)
■ Differential input voltage range equal to the
supply voltage
■ TTL, DTL, ECL, MOS, CMOS compatible
outputs
Description
These devices consist of two independent low
voltage comparators designed specifically to
operate from a single supply over a wide range of
voltages. Operation from split power supplies is
also possible.
These comparators also have a unique
characteristic in that the input common-mode
voltage range includes ground even though
operated from a single power supply voltage.
N
DIP8
(Plastic Package)
D
SO-8
(Plastic Micropackage)
Pin connections (top view)
P
TSSOP8
(Thin Shrink Small Outline Package)
S
Mini SO-8
(Plastic Micropackage)
1
2
3
45
6
7
8
-
+
-
+
1 - Output 1
2 - Inverting input 1
3 - Non-inverting input 1
4 - VCC
-
5 - Non-inverting input 2
6 - Inverting input 2
7 - Output 2
8 - VCC
+
www.st.com


Similar Part No. - LM393A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM393A PHILIPS-LM393A Datasheet
121Kb / 6P
Low power dual voltage comparator
1995 Nov 27
logo
Texas Instruments
LM393A TI-LM393A Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
LM393A TI-LM393A Datasheet
458Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
logo
Fairchild Semiconductor
LM393A FAIRCHILD-LM393A Datasheet
155Kb / 8P
Dual Differential Comparator
logo
Texas Instruments
LM393A TI-LM393A Datasheet
1Mb / 30P
DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - LM393A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
LOW POWER DUAL VOLTAGE COMPARATORS
Jun-2003
LM193W STMICROELECTRONICS-LM193W Datasheet
169Kb / 10P
LOW POWER DUAL VOLTAGE COMPARATORS
May-2004
LM2903H STMICROELECTRONICS-LM2903H Datasheet
86Kb / 5P
LOW POWER DUAL VOLTAGE COMPARATORS
Sep-2003
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_07 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM2902W STMICROELECTRONICS-LM2902W_07 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM2903 STMICROELECTRONICS-LM2903_07 Datasheet
264Kb / 14P
LOW POWER DUAL VOLTAGE COMPARATORS
Feb-2006
LM2903H STMICROELECTRONICS-LM2903H_05 Datasheet
264Kb / 7P
Low Power Dual Voltage Comparators
Feb-2006
LM193 STMICROELECTRONICS-LM193_08 Datasheet
234Kb / 15P
Low power dual voltage comparators
19-Feb-2008
LM2903H STMICROELECTRONICS-LM2903H_08 Datasheet
131Kb / 9P
Low power dual voltage comparators
27-Mar-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com