Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4582C/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX4582C/D
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4582C/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX4582C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4582C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4582C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4582C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4582C/D Datasheet HTML 14Page - Maxim Integrated Products MAX4582C/D Datasheet HTML 15Page - Maxim Integrated Products MAX4582C/D Datasheet HTML 16Page - Maxim Integrated Products MAX4582C/D Datasheet HTML 17Page - Maxim Integrated Products MAX4582C/D Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
14
______________________________________________________________________________________
MEASUREMENTS ARE STANDARDIZED AGAINST SHORT AT SOCKET TERMINALS.
OFF-ISOLATION IS MEASURED BETWEEN COM AND "OFF" NO TERMINAL ON EACH SWITCH.
ON-LOSS IS MEASURED BETWEEN COM AND "ON" NO TERMINAL ON EACH SWITCH.
CROSSTALK (MAX4582/MAX4583) IS MEASURED FROM ONE CHANNEL (A, B, C) TO ALL OTHER CHANNELS.
SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
VCC
VOUT
VIN
VEE
GND
VCC
VIN
VOUT
MEAS.
NETWORK
ANALYZER
50
Ω
50
Ω
50
Ω
OFF-ISOLATION = 20log
ON-LOSS = 20log
CROSSTALK = 20log
50
Ω
REF.
B
VEE
VOUT
VIN
VOUT
VIN
A
CHANNEL
SELECT
C
ENABLE
X_, Y_, Z_
X, Y, Z
10nF
10nF
MAX4581
MAX4582
MAX4583
Figure 6. Off Isolation, On Loss, and Crosstalk
VCC
VEE
GND
VCC
B
VEE
A
CHANNEL
SELECT
1MHz
CAPACITANCE
ANALYZER
C
ENABLE
X_, Y_, Z_
X, Y, Z
MAX4581
MAX4582
MAX4583
Figure 7. Capacitance
_________________________________Test Circuits/Timing Diagrams (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com