Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FST3861 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74FST3861
Description  10?묪it Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3861 Datasheet(HTML) 2 Page - ON Semiconductor

  74FST3861 Datasheet HTML 1Page - ON Semiconductor 74FST3861 Datasheet HTML 2Page - ON Semiconductor 74FST3861 Datasheet HTML 3Page - ON Semiconductor 74FST3861 Datasheet HTML 4Page - ON Semiconductor 74FST3861 Datasheet HTML 5Page - ON Semiconductor 74FST3861 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
74FST3861
http://onsemi.com
2
Figure 2. Logic Diagram
23
11
2
OE
A10
A1
22
13
B10
B1
ORDERING INFORMATION
Device Order Number
Package
Shipping†
74FST3861DW
SOIC−24
48 Units / Rail
74FST3861DWR2
SOIC−24
2500 Units / Tape & Reel
74FST3861DT
TSSOP−24*
(Pb−Free)
96 Units / Rail
74FST3861DTR2
TSSOP−24*
(Pb−Free)
2500 Units / Tape & Reel
74FST3861QS
QSOP−24
96 Units / Rail
74FST3861QSR
QSOP−24
2500 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
*0.5 to )7.0
V
VI
DC Input Voltage
*0.5 to )7.0
V
VO
DC Output Voltage
*0.5 to )7.0
V
IIK
DC Input Diode Current
VI t GND
*50
mA
IOK
DC Output Diode Current
VO t GND
*50
mA
IO
DC Output Sink Current
128
mA
ICC
DC Supply Current per Supply Pin
$100
mA
IGND
DC Ground Current per Ground Pin
$100
mA
TSTG
Storage Temperature Range
*65 to )150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
)150
°C
qJA
Thermal Resistance
SOIC
TSSOP
QSOP
125
170
200
°C/W
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 1)
Machine Model (Note 2)
Charged Device Model (Note 3)
u2000
u200
N/A
V
ILatchup
Latchup Performance
Above VCC and Below GND at 85°C (Note 4)
$500
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Tested to EIA/JESD22−A114−A.
2. Tested to EIA/JESD22−A115−A.
3. Tested to JESD22−C101−A.
4. Tested to EIA/JESD78.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com