Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FST3345DT Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74FST3345DT
Description  10?묪it Low Power Bus Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3345DT Datasheet(HTML) 1 Page - ON Semiconductor

  74FST3345DT Datasheet HTML 1Page - ON Semiconductor 74FST3345DT Datasheet HTML 2Page - ON Semiconductor 74FST3345DT Datasheet HTML 3Page - ON Semiconductor 74FST3345DT Datasheet HTML 4Page - ON Semiconductor 74FST3345DT Datasheet HTML 5Page - ON Semiconductor 74FST3345DT Datasheet HTML 6Page - ON Semiconductor 74FST3345DT Datasheet HTML 7Page - ON Semiconductor 74FST3345DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 6
1
Publication Order Number:
74FST3384/D
74FST3384
10−Bit Low Power
Bus Switch
The ON Semiconductor 74FST3384 is a 10−bit low power bus
switch. The device is CMOS TTL compatible when operating between
4.0 and 5.5 Volts. The device exhibits extremely low RON and adds
nearly zero propagation delay. The device adds no noise or ground
bounce to the system.
Features
• RON t 4 W Typical
• Less Than 0.25 ns−Max Delay Through Switch
• Nearly Zero Standby Current
• No Circuit Bounce
• Control Inputs are TTL/CMOS Compatible
• Pin−For−Pin Compatible With QS3384, FST3384, CBT3384
• All Popular Packages: SOIC−24, TSSOP−24, QSOP−24
• All Devices in Package TSSOP are Inherently Pb−Free*
Figure 1. 24−Lead Pinout
TRUTH TABLE
B0−B4
L
OE2
A0−A4
1
2
3
4
5
6
7
8
9
10
11
12
VCC
B9
A9
A8
B8
B7
A7
A6
B6
B5
A5
OE2
24
23
22
21
20
19
18
17
16
15
14
13
OE1
B0
A0
A1
B1
B2
A2
A3
B3
B4
A4
GND
NOTE: H = HIGH Voltage Level, L = LOW Voltage Level
L
OE1
B5−B9
A5−A9
Function
Connect
H
A0−A4
L
HIGH−Z State
Connect
L
HIGH−Z State
H
A5−A9
Connect
H
HIGH−Z State
H
HIGH−Z State
Disconnect
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
A
=
Assembly Location
L, WL
=
Wafer Lot
Y, YY
=
Year
W, WW =
Work Week
TSSOP−24
DT SUFFIX
CASE 948H
24
1
QSOP−24
QS SUFFIX
CASE 492B
SOIC−24
DW SUFFIX
CASE 751E
24
1
1
24
FST3384
AWLYWW
MARKING
DIAGRAMS
24
1
24
1
1
24
FST
3384
ALYW
FST3384
AWLYYWW
Description
PIN NAMES
OE1, OE2
A0−A9
Pin
Bus Switch Enable
Bus A
B0−B9
Bus B
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com


Similar Part No. - 74FST3345DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3345DT ONSEMI-74FST3345DT Datasheet
87Kb / 6P
8-Bit Bus Switch
January, 2005 ??Rev. 1
74FST3345DT ONSEMI-74FST3345DT Datasheet
189Kb / 6P
8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3345DTR2 ONSEMI-74FST3345DTR2 Datasheet
87Kb / 6P
8-Bit Bus Switch
January, 2005 ??Rev. 1
74FST3345DTR2 ONSEMI-74FST3345DTR2 Datasheet
189Kb / 6P
8?묪it Bus Switch
June, 2006 ??Rev. 2
More results

Similar Description - 74FST3345DT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LVX3384 NSC-54LVX3384 Datasheet
96Kb / 6P
10-Bit Low Power Bus Switch
74LVX3L384 NSC-74LVX3L384 Datasheet
127Kb / 6P
10-Bit Low Power Bus Switch
logo
ON Semiconductor
74FST3245 ONSEMI-74FST3245_06 Datasheet
189Kb / 6P
8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3125 ONSEMI-74FST3125_06 Datasheet
196Kb / 7P
4?묪it Bus Switch
June, 2006 ??Rev. 3
74FST3126 ONSEMI-74FST3126_06 Datasheet
195Kb / 7P
4?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3244 ONSEMI-74FST3244_06 Datasheet
199Kb / 7P
8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3345 ONSEMI-74FST3345_06 Datasheet
189Kb / 6P
8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3383 ONSEMI-74FST3383_06 Datasheet
213Kb / 8P
10?묪it Low Power Bus Exchange
June, 2006 ??Rev. 6
74FST3861 ONSEMI-74FST3861 Datasheet
193Kb / 6P
10?묪it Bus Switch
June, 2006 ??Rev. 6
74FST6800 ONSEMI-74FST6800 Datasheet
194Kb / 6P
10?묪it Bus Switch with Precharged Outputs
June, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com