Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2172 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2172
Description  100kHz 1.25A Switching Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2172 Datasheet HTML 1Page - Micrel Semiconductor MIC2172 Datasheet HTML 2Page - Micrel Semiconductor MIC2172 Datasheet HTML 3Page - Micrel Semiconductor MIC2172 Datasheet HTML 4Page - Micrel Semiconductor MIC2172 Datasheet HTML 5Page - Micrel Semiconductor MIC2172 Datasheet HTML 6Page - Micrel Semiconductor MIC2172 Datasheet HTML 7Page - Micrel Semiconductor MIC2172 Datasheet HTML 8Page - Micrel Semiconductor MIC2172 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MIC2172/3172
Micrel, Inc.
M9999-042205
2
April 2005
Ordering Information
Part Number
Temperature
Standard
Pb-Free
Range
Package
MIC2172BN
MIC2172YN
–40°C to +85°C
8-pin plastic DIP
MIC2172BM
MIC2172YM
–40°C to +85°C
8-lead SOIC
MIC3172BN
MIC3172YN
–40°C to +85°C
8-pin plastic DIP
MIC3172BM
MIC3172YM
–40°C to +85°C
8-lead SOIC
8-lead SOIC (M)
1
2
3
4
S GND
COMP
P GND 1
FB
*SYNC/†EN
VSW
VIN
P GND 2
8
7
6
5
MIC2172*/3172†
Pin Configuration
1
2
3
4
S GND
COMP
P GND 1
FB
*SYNC/†EN
VSW
VIN
P GND 2
8
7
6
5
MIC2172*/3172†
Pin Description
Pin Number
Pin Name
Pin Function
1S GND
Signal Ground: Internal analog circuit ground. Connect directly to the input
filter capacitor for proper operation (see applications info). Keep separate
from power grounds.
2
COMP
Frequency Compensation: Output of transconductance type error amplifier.
Primary function is for loop stabilization. Can also be used for output voltage
soft-start and current limit tailoring.
3FB
Feedback: Inverting input of error amplifier. Connect to external resistive
divider to set power supply output voltage.
4 (MIC2172)
SYNC
Synchronization/Frequency Adjust: Capacitively coupled input signal greater
than device’s free running frequency (up to 135kHz) will lock device’s
oscillator on falling edge. Oscillator frequency can be trimmed up to 135kHz
by adding a resistor to ground. If unused, pin must float (no connection).
4 (MIC3172)
EN
Enable: Apply TTL high or connect to V
IN to enable the regulator. Apply
TTL low or connect to ground to disable the regulator. Device draws only
leakage current (<1µA) when disabled.
5V
IN
Supply Voltage: 3.0V to 40V
6P GND 2
Power Ground #2: One of two NPN power switch emitters with 0.3Ω current
sense resistor in series. Required. Connect to external inductor or input
voltage ground depending on circuit topology.
7V
SW
Power Switch Collector: Collector of NPN switch. Connect to external
inductor or input voltage depending on circuit topology.
8P GND 1
Power Ground #1: One of two NPN power switch emitters with 0.3Ω current
sense resistor in series. Optional. For maximum power capability connect
to P GND 2. Floating pin reduces current limit by a factor of two.
8-pin DIP (N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com