Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2172BM Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2172BM
Description  100kHz 1.25A Switching Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172BM Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2172BM Datasheet HTML 9Page - Micrel Semiconductor MIC2172BM Datasheet HTML 10Page - Micrel Semiconductor MIC2172BM Datasheet HTML 11Page - Micrel Semiconductor MIC2172BM Datasheet HTML 12Page - Micrel Semiconductor MIC2172BM Datasheet HTML 13Page - Micrel Semiconductor MIC2172BM Datasheet HTML 14Page - Micrel Semiconductor MIC2172BM Datasheet HTML 15Page - Micrel Semiconductor MIC2172BM Datasheet HTML 16Page - Micrel Semiconductor MIC2172BM Datasheet HTML 17Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
April 2005
13
M9999-042205
MIC2172/3172
Micrel, Inc.
Then:
δ ≥
2 × 1.25
1.25 × 4
δ ≥ 0.5 (50%) Use 0.55.
The slightly higher duty cycle value is used to overcome
circuit inefficiencies. A few iterations of equation (8) may be
required if the duty cycle is found to be greater than 50%.
Calculate the maximum transformer turns ratio a, or
N
PRI/NSEC, that will guarantee safe operation of the MIC2172/
3172 power switch.
(9)
a ≤
V
CE FCE ± VIN(max)
V
SEC
Where:
a = transformer maximum turns ratio
V
CE = power switch collector to emitter
maximum voltage
F
CE = safety derating factor (0.8 for most
commercial and industrial applications)
V
IN(max) = maximum input voltage
V
SEC = transformer secondary voltage (VOUT + VF)
For the practical example:
V
CE = 65V max. for the MIC2172/3172
F
CE = 0.8
V
SEC = 5.6V
Then:
a ≤
65 × 0.8 ± 6.0
5.6
a ≤ 8.2143
Next, calculate the maximum primary inductance required to
store the needed output energy with a power switch duty
cycle of 55%.
(10)
L
PRI ≤
0.5 f
SW VIN(min)
2 T
ON
2
P
OUT
Where:
L
PRI = maximum primary inductance
f
SW = device switching frequency (100kHz)
V
IN(min) = minimum input voltage
T
ON = power switch on time
Then:
L
PRI ≤
0.5 × 1× 105 × 4.02 5.5 × 10-6
()
2
1.25
L
PRI ≤ 19.23µH
Use an 18µH primary inductance to overcome circuit ineffi-
ciencies.
To complete the design the inductance value of the second-
ary is found which will guarantee that the energy stored in the
transformer during the power switch on time will be com-
pleted discharged into the output during the off-time. This is
necessary when operating in discontinuous-mode.
(11)
L
SEC ≤
0.5 f
SW VSEC
2 T
OFF
2
P
OUT
Where:
L
SEC = maximum secondary inductance
T
OFF = power switch off time
Then:
L
SEC ≤
0.5 × 1× 105 × 5.62 × 4.5 × 10-6
()
2
1.25
L
SEC ≤ 25.4µH
Figure 12. MIC3172 5V 0.25A Flyback Converter
C4
470µF
D2
1N5818
C1
22µF
C2
1µF
R3
1k
R4*
VOUT
5V, 0.25A
* Optional voltage clipper (may be req’d if T1 leakage inductance too high)
C3*
D1*
R1
3.74k
1%
R2
1.24k
1%
VIN
4V to 6V
T1
Enable
Shutdown
1:1.25
LPRI = 100µH
MIC3172
VIN
VSW
FB
EN
GND
P1 P2
S
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com