Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC29371 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC29371
Description  750mA Low-Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29371 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC29371 Datasheet HTML 4Page - Micrel Semiconductor MIC29371 Datasheet HTML 5Page - Micrel Semiconductor MIC29371 Datasheet HTML 6Page - Micrel Semiconductor MIC29371 Datasheet HTML 7Page - Micrel Semiconductor MIC29371 Datasheet HTML 8Page - Micrel Semiconductor MIC29371 Datasheet HTML 9Page - Micrel Semiconductor MIC29371 Datasheet HTML 10Page - Micrel Semiconductor MIC29371 Datasheet HTML 11Page - Micrel Semiconductor MIC29371 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MIC2937A/29371/29372
Micrel, Inc.
May 2006
9
MIC2937A/29371/29372
Automotive Applications
The MIC2937A is ideally suited for automotive applications
for a variety of reasons. It will operate over a wide range of
input voltages with very low dropout voltages (40mV at light
loads),andverylowquiescentcurrents(100µAtypical).These
features are necessary for use in battery powered systems,
such as automobiles. It is a “bulletproof” device with the abil-
ity to survive both reverse battery (negative transients up to
20V below ground), and load dump (positive transients up to
60V) conditions.Awide operating temperature range with low
temperature coefficients is yet another reason to use these
versatile regulators in automotive designs.
Figure 2. MIC2937A-5.0 Fixed +5V Regulator
Figure 3. MIC29372 Adjustable Regulator
Typical Applications
Figure 5. MIC29372 5.0V or 3.3V Selectable Regulator with
Shutdown.
Figure 4. MIC29372 Wide Input Voltage Range Current Limiter
*MINIMUM INPUT-OUTPUT VOLTAGE RANGES FROM 40mV TO 400mV,
DEPENDING ON LOAD CURRENT.
SHUTDOWN PIN LOW= ENABLE OUTPUT. Q1 ON = 3.3V, Q1 OFF = 5.0V.
CBYPASS ≅
1
2 R1 • 200 Hz
π
with a bypass capacitor across R
1, since it reduces the high
frequency gain from 4 to unity. Pick
or about 0.01µF. When doing this, the output capacitor must
be increased to 10µF to maintain stability. These changes
reduce the output noise from 430µV to 100µV
RMS for a 100
kHz bandwidth at 5V output. With the bypass capacitor added,
noise no longer scales with output voltage so that improve-
ments are more dramatic at higher output voltages.
GND
+VIN
OUT
V
V
10µF
+
IN
VOUT = 5V
IN
OUT
GND ADJUST
SHUTDOWN
V
V
SHUTDOWN
INPUT
OUT
V
1.2V
26V
1
R .01
µF
10µF
2
R
1.23V
REF
V
VOUT = VREF x (1 +
)
1
R
2
R
OFF
ON
OUT
GND ADJUST
V
VIN
+VIN
VOUT ≈ VIN
SHUTDOWN
V
GND
OUT
+VIN
ADJUST
SHUTDOWN
INPUT
100pF
2N2222
1%
300kΩ
+5V to +7V
1%
180kΩ
+
10µF
470 k Ω
OFF
ON
5V
3.3V
220kΩ
1%
VCC OUT
Input Output
0
3.3V
1
5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com