Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FST3383 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74FST3383
Description  10?묪it Low Power Bus Exchange
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3383 Datasheet(HTML) 1 Page - ON Semiconductor

  74FST3383 Datasheet HTML 1Page - ON Semiconductor 74FST3383 Datasheet HTML 2Page - ON Semiconductor 74FST3383 Datasheet HTML 3Page - ON Semiconductor 74FST3383 Datasheet HTML 4Page - ON Semiconductor 74FST3383 Datasheet HTML 5Page - ON Semiconductor 74FST3383 Datasheet HTML 6Page - ON Semiconductor 74FST3383 Datasheet HTML 7Page - ON Semiconductor 74FST3383 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 6
1
Publication Order Number:
74FST3383/D
74FST3383
10−Bit Low Power
Bus Exchange
The ON Semiconductor 74FST3383 is a 10−bit low power bus
exchange. The device is CMOS TTL compatible when operating
between 4 and 5.5 Volts. The device exhibits extremely low RON and
adds nearly zero propagation delay. The device adds no noise or
ground bounce to the system.
Features
• RON t 4 W Typical
• Less Than 0.25 ns−Max Delay Through Switch
• Nearly Zero Standby Current
• No Circuit Bounce
• Control Inputs are TTL/CMOS Compatible
• Pin−For−Pin Compatible With QS3383, FST3383, CBT3383
• All Popular Packages: SOIC−24, TSSOP−24, QSOP−24
• All Devices in Package TSSOP are Inherently Pb−Free*
Figure 1. 24−Lead Pinout
TRUTH TABLE
A0−A4
X
BX
HIGH−Z State
1
2
3
4
5
6
7
8
9
10
11
12
VCC
D4
B4
A4
C4
D3
B3
A3
C3
D2
B2
BX
24
23
22
21
20
19
18
17
16
15
14
13
OE
C0
A0
B0
D0
C1
A1
B1
D1
C2
A2
GND
NOTE: H = HIGH Voltage Level, L = LOW Voltage Level, X = Don’t Care
H
OE
B0−B4
HIGH−Z State
Function
Disconnect
L
C0−C4
L
D0−D4
Connect
H
D0−D4
L
C0−C4
Exchange
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
A
=
Assembly Location
L, WL
=
Wafer Lot
Y, YY
=
Year
W, WW =
Work Week
TSSOP−24
DT SUFFIX
CASE 948H
24
1
QSOP−24
QS SUFFIX
CASE 492B
SOIC−24
DW SUFFIX
CASE 751E
24
1
1
24
FST3383
AWLYWW
MARKING
DIAGRAMS
24
1
24
1
1
24
FST
3383
ALYW
FST3383
AWLYYWW
Description
PIN NAMES
OE
BX
Pin
Bus Switch Enable
Bus Exchange
A0−A4, B0−B4
Buses A, B
C0−C4, D0−D4
Buses C, D
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com


Similar Part No. - 74FST3383

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3383 ONSEMI-74FST3383 Datasheet
95Kb / 8P
10-Bit Low Power Bus Exchange
January, 2005 ??Rev. 5
74FST3383DT ONSEMI-74FST3383DT Datasheet
95Kb / 8P
10-Bit Low Power Bus Exchange
January, 2005 ??Rev. 5
74FST3383DTR2 ONSEMI-74FST3383DTR2 Datasheet
95Kb / 8P
10-Bit Low Power Bus Exchange
January, 2005 ??Rev. 5
74FST3383DW ONSEMI-74FST3383DW Datasheet
95Kb / 8P
10-Bit Low Power Bus Exchange
January, 2005 ??Rev. 5
74FST3383DWR2 ONSEMI-74FST3383DWR2 Datasheet
95Kb / 8P
10-Bit Low Power Bus Exchange
January, 2005 ??Rev. 5
More results

Similar Description - 74FST3383

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LVX3383 NSC-54LVX3383 Datasheet
87Kb / 6P
10-Bit Low Power Bus-Exchange Switch
logo
Fairchild Semiconductor
FST3383 FAIRCHILD-FST3383 Datasheet
50Kb / 5P
10-Bit Low Power Bus-Exchange Switch
logo
ON Semiconductor
74FST3383 ONSEMI-74FST3383 Datasheet
95Kb / 8P
10-Bit Low Power Bus Exchange
January, 2005 ??Rev. 5
logo
National Semiconductor ...
74LVX3L383 NSC-74LVX3L383 Datasheet
113Kb / 6P
10-Bit Low Power Bus-Exchange Switch
logo
Integrated Device Techn...
IDT74CBTLV3383 IDT-IDT74CBTLV3383 Datasheet
72Kb / 5P
LOW-VOLTAGE 10-BIT BUS-EXCHANGE SWITCH
logo
ON Semiconductor
74FST3384 ONSEMI-74FST3384_06 Datasheet
211Kb / 8P
10?묪it Low Power Bus Switch
June, 2006 ??Rev. 6
74FST3400 ONSEMI-74FST3400_06 Datasheet
203Kb / 8P
4?묪it, 4?뭁ort Bus Exchange Switch
December, 2006 ??Rev. 7
74FST3861 ONSEMI-74FST3861 Datasheet
193Kb / 6P
10?묪it Bus Switch
June, 2006 ??Rev. 6
logo
Texas Instruments
SN74CBTL3383 TI-SN74CBTL3383 Datasheet
237Kb / 10P
LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBT3383 TI1-SN74CBT3383_16 Datasheet
1Mb / 26P
10-Bit Bus-Exchange Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com