Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBD301 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBD301
Description  Silicon Hot?묬arrier Diodes SCHOTTKY Barrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBD301 Datasheet(HTML) 2 Page - ON Semiconductor

  MBD301_07 Datasheet HTML 1Page - ON Semiconductor MBD301_07 Datasheet HTML 2Page - ON Semiconductor MBD301_07 Datasheet HTML 3Page - ON Semiconductor MBD301_07 Datasheet HTML 4Page - ON Semiconductor MBD301_07 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBD301, MMBD301LT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IR = 10 mA)
V(BR)R
30
−
−
V
Total Capacitance (VR = 15 V, f = 1.0 MHz) Figure 1
CT
−
0.9
1.5
pF
Reverse Leakage (VR = 25 V) Figure 3
IR
−
13
200
nAdc
Forward Voltage (IF = 1.0 mAdc) Figure 4
VF
−
0.38
0.45
Vdc
Forward Voltage (IF = 10 mAdc) Figure 4
VF
−
0.52
0.6
Vdc
ORDERING INFORMATION
Device
Package
Shipping†
MBD301
TO−92
5000 Units / Bulk
MBD301G
TO−92
(Pb−Free)
5000 Units / Bulk
MMBD301LT1
SOT−23
3000 / Tape & Reel
MMBD301LT1G
SOT−23
(Pb−Free)
3000 / Tape & Reel
MMBD301LT3
SOT−23
10,000 / Tape & Reel
MMBD301LT3G
SOT−23
(Pb−Free)
10,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com