Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBD301 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBD301
Description  Silicon Hot?묬arrier Diodes SCHOTTKY Barrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBD301 Datasheet(HTML) 1 Page - ON Semiconductor

  MBD301 Datasheet HTML 1Page - ON Semiconductor MBD301 Datasheet HTML 2Page - ON Semiconductor MBD301 Datasheet HTML 3Page - ON Semiconductor MBD301 Datasheet HTML 4Page - ON Semiconductor MBD301 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2007
January, 2007 − Rev. 4
1
Publication Order Number:
MBD301/D
MBD301, MMBD301LT1
Preferred Device
Silicon Hot−Carrier Diodes
SCHOTTKY Barrier Diodes
These devices are designed primarily for high−efficiency UHF and
VHF detector applications. They are readily adaptable to many other
fast switching RF and digital applications. They are supplied in an
inexpensive plastic package for low−cost, high−volume consumer
and industrial/commercial requirements. They are also available in a
Surface Mount package.
Features
• Extremely Low Minority Carrier Lifetime − 15 ps (Typ)
• Very Low Capacitance − 1.5 pF (Max) @ VR = 15 V
• Low Reverse Leakage − IR = 13 nAdc (Typ) MBD301, MMBD301
• Pb−Free Packages are Available
MAXIMUM RATINGS
MBD301
MMBD301LT1
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
V
Total Device Dissipation
@ TA = 25°C
Derate above 25
°C
PF
280
2.8
200
2.0
mW
mW/
°C
Operating Junction
Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
http://onsemi.com
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
MBD
301
AYWW
G
G
Preferred devices are recommended choices for future use
and best overall value.
TO−92
(TO−226AC)
CASE 182
STYLE 1
4T M
G
G
MBD301
SOT−23
(TO−236)
CASE 318
STYLE 8
30 VOLTS
SILICON HOT−CARRIER
DETECTOR AND SWITCHING
DIODES
1
2
3
1
2
3
CATHODE
1
ANODE
2
CATHODE
1
ANODE
1
MMBD301LT1
M
= Date Code
G
= Pb−Free Package
MARKING
DIAGRAM
(Note: Microdot may be in either location)
(Note: Microdot may be in either location)


Similar Part No. - MBD301

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBD301 MOTOROLA-MBD301 Datasheet
130Kb / 6P
30 VOLTS SILICON HOT.CARRIER DETECTOR AND SWITCHING DIODES
logo
ON Semiconductor
MBD301 ONSEMI-MBD301 Datasheet
90Kb / 4P
SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
1997
logo
Leshan Radio Company
MBD301 LRC-MBD301 Datasheet
54Kb / 2P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MBD301G ONSEMI-MBD301G Datasheet
135Kb / 5P
Silicon Hot-Carrier Diodes
August, 2009 ??Rev. 5
MBD301G ONSEMI-MBD301G Datasheet
95Kb / 5P
Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 8
More results

Similar Description - MBD301

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBD301LT1 LRC-MMBD301LT1 Datasheet
54Kb / 2P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
LMBD301LT1 LRC-LMBD301LT1 Datasheet
87Kb / 3P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MBD701 ONSEMI-MBD701_06 Datasheet
64Kb / 4P
Silicon Hot?묬arrier Diodes Schottky Barrier Diodes
October, 2006 ??Rev. 4
MMBD452LT1 ONSEMI-MMBD452LT1_06 Datasheet
53Kb / 3P
Dual Hot?묬arrier Diodes Schottky Barrier Diodes
February, 2006 ??Rev. 3
logo
Leshan Radio Company
LMBD301LT1G LRC-LMBD301LT1G Datasheet
110Kb / 3P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MBD701 ONSEMI-MBD701_09 Datasheet
128Kb / 4P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2009 ??Rev. 5
MMBD452LT1G ONSEMI-MMBD452LT1G_09 Datasheet
124Kb / 3P
Dual Hot-Carrier Diodes Schottky Barrier Diodes
August, 2009 ??Rev. 4
logo
Leshan Radio Company
LMBD301LT1G LRC-LMBD301LT1G_11 Datasheet
112Kb / 3P
Silicon Hot?밅arrier Diodes Schottky Barrier Diodes
LMDL301T1G LRC-LMDL301T1G Datasheet
135Kb / 3P
Silicon Hot?밅arrier Diodes Schottky Barrier Diode
logo
First Silicon Co., Ltd
FDR301 FS-FDR301 Datasheet
209Kb / 3P
Silicon Hot?밅arrier Diodes Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com