Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7056 Datasheet(PDF) 3 Page - ams AG

Part # AS7056
Description  Biosignal Converting Unit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7056 Datasheet(HTML) 3 Page - ams AG

  AS7056 Datasheet HTML 1Page - ams AG AS7056 Datasheet HTML 2Page - ams AG AS7056 Datasheet HTML 3Page - ams AG AS7056 Datasheet HTML 4Page - ams AG AS7056 Datasheet HTML 5Page - ams AG AS7056 Datasheet HTML 6Page - ams AG AS7056 Datasheet HTML 7Page - ams AG AS7056 Datasheet HTML 8Page - ams AG AS7056 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Feedback
AS7056
General Description
Short Datasheet
• PUBLIC
DS001052
• v1-00 • 2022-May-10
13
│ 3
1
General Description
The AS7056 Biosignal Sensor Analog Frontend (AFE) is the next generation Vital Sign Sensor. It
enables the user to detect biosignals such as photoplethysmogram (PPG) and pulse transit time
(PTT), as well as proximity. PPG is the most used HRM method. It measures the pulse rate - by
sampling light modulated by the blood vessels, which expand and contract as blood pulses through
them. Apart from HRM/HRV, optical Blood Pressure and SpO2 are also enabled by the two
independent working photodiode inputs of the AS7056. The AS7056 is a size and performances
optimized analog frontend to support space-limited applications such as in-ear vital sign monitoring.
The AS7056 provides two LEDs and one VCSEL driver outputs, samples up to three photodiode
inputs, and supports proximity detection integrated into one of the PPG signal channels. This enables
high flexibility for several LED and photodiode arrangements in different applications. Furthermore, the
AS7056 Biosignal Sensor Analog Frontend provides two ADC channels for simultaneous PPG
measurements and an automatic photodiode offset control.
The AS7056
’s low-power design and small form factor are particularly well-suited for application in
earbuds, fitness bands, smartwatches, sports watches, and smart patches. In these cases, board
space is limited, and users look for extended, multi-day intervals between battery recharges. A thin
package dimension makes the AS7056 suitable for height-constrained solutions like earbuds.
1.1
Key Benefits & Features
The benefits and features of the AS7056 Biosignal Converting Unit are listed below:
Figure 1:
Added Value of Using AS7056
Benefits
Features
Flexible LED/photodiode configuration.
2 LED + 1 VCSEL driver and 3 photodiode input
pins.
Allows smallest application size e.g. in-ear vital
sign monitoring
Small Wafer-Level-Chip-Scale-Package
(WLCSP).
Enables optical blood pressure measurements.
Two synchronized PPG acquisition channels.
Enables proximity detection for additional
energy savings
Two independent, programmable sequence
blocks inside the PPG signal acquisition.
Good HRM measurement quality.
Low noise analog optical front-end.
Long operating time.
Hardware sequencer to offload processor.
Adjustable LED driver with current control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com