Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC548CZL1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # BC548CZL1
Description  Amplifier Transistors NPN Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC548CZL1 Datasheet(HTML) 4 Page - ON Semiconductor

  BC548CZL1 Datasheet HTML 1Page - ON Semiconductor BC548CZL1 Datasheet HTML 2Page - ON Semiconductor BC548CZL1 Datasheet HTML 3Page - ON Semiconductor BC548CZL1 Datasheet HTML 4Page - ON Semiconductor BC548CZL1 Datasheet HTML 5Page - ON Semiconductor BC548CZL1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BC546B, BC547A, B, C, BC548B, C
http://onsemi.com
4
BC546
Figure 7. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 8. “On” Voltage
IC, COLLECTOR CURRENT (mA)
0.8
1.0
0.6
0.2
0.4
1.0
2.0
0.1
1.0
10
100
0.2
0.2
0.5
0.2
1.0
10
200
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 5.0 V
Figure 9. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 10. Base−Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
−1.0
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
0.2
2.0
10
200
1.0
TA = 25°C
200 mA
50 mA
IC =
10 mA
VCE = 5 V
TA = 25°C
0
0.5
2.0
5.0
20
50
100
0.05
0.2
0.5
2.0
5.0
100 mA
20 mA
−1.4
−1.8
−2.2
−2.6
−3.0
0.5
5.0
20
50
100
−55°C to 125°C
qVB for VBE
Figure 11. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
40
Figure 12. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mA)
0.1
0.2
1.0
50
2.0
2.0
10
100
100
200
500
50
20
20
10
6.0
4.0
1.0
10
50 100
5.0
VCE = 5 V
TA = 25°C
0.5
5.0
20
TA = 25°C
Cob
Cib



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com