Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC548CZL1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC548CZL1G
Description  Amplifier Transistors NPN Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC548CZL1G Datasheet(HTML) 1 Page - ON Semiconductor

  BC548CZL1G Datasheet HTML 1Page - ON Semiconductor BC548CZL1G Datasheet HTML 2Page - ON Semiconductor BC548CZL1G Datasheet HTML 3Page - ON Semiconductor BC548CZL1G Datasheet HTML 4Page - ON Semiconductor BC548CZL1G Datasheet HTML 5Page - ON Semiconductor BC548CZL1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 5
1
Publication Order Number:
BC546/D
BC546B, BC547A, B, C,
BC548B, C
Amplifier Transistors
NPN Silicon
Features
• Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector - Emitter Voltage
BC546
BC547
BC548
VCEO
65
45
30
Vdc
Collector - Base Voltage
BC546
BC547
BC548
VCBO
80
50
30
Vdc
Emitter - Base Voltage
VEBO
6.0
Vdc
Collector Current − Continuous
IC
100
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Ambient
RqJA
200
°C/W
Thermal Resistance,
Junction−to−Case
RqJC
83.3
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−92
CASE 29
STYLE 17
3
2
1
http://onsemi.com
MARKING DIAGRAM
COLLECTOR
1
2
BASE
3
EMITTER
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
BC54x
= Device Code
x = 6, 7, or 8
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
BC
54x
AYWW
G
G


Similar Part No. - BC548CZL1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC548CZL1G ONSEMI-BC548CZL1G Datasheet
78Kb / 6P
Amplifier Transistors
March, 2007 ??Rev. 6
BC548CZL1G ONSEMI-BC548CZL1G Datasheet
223Kb / 9P
Amplifier Transistors NPN Silicon
August, 2021 - Rev. 8
More results

Similar Description - BC548CZL1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5209 ONSEMI-2N5209 Datasheet
277Kb / 6P
Amplifier Transistors(NPN Silicon)
1996
BC237 ONSEMI-BC237 Datasheet
83Kb / 4P
Amplifier Transistors(NPN Silicon)
1996 REV 1
MPS918 ONSEMI-MPS918 Datasheet
62Kb / 4P
Amplifier Transistors(NPN Silicon)
1996
logo
Leshan Radio Company
MMBT6428LT1 LRC-MMBT6428LT1 Datasheet
209Kb / 4P
Amplifier Transistors(NPN Silicon)
logo
ON Semiconductor
2N5088 ONSEMI-2N5088_07 Datasheet
83Kb / 5P
Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 4
2N5550 ONSEMI-2N5550_07 Datasheet
88Kb / 6P
Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 5
BC237 ONSEMI-BC237_06 Datasheet
54Kb / 4P
Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 4
MBT6429DW1T1 ONSEMI-MBT6429DW1T1_05 Datasheet
79Kb / 5P
Amplifier Transistors NPN Silicon
December, 2005 ??Rev. 2
MPS918 ONSEMI-MPS918_06 Datasheet
46Kb / 3P
Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 3
logo
New Jersey Semi-Conduct...
MPSU06F NJSEMI-MPSU06F Datasheet
83Kb / 1P
NPN Silicon Amplifier Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com