Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT849K Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ZXT849K
Description  isc Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ZXT849K Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ZXT849K Datasheet HTML 1Page - Inchange Semiconductor Company Limited ZXT849K Datasheet HTML 2Page - Inchange Semiconductor Company Limited ZXT849K Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc Silicon NPN Power Transistor
ZXT849K
www.iscsemi.com
2023-8-18
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 0.1mA; IC= 0
7
--
--
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC=10mA; IB= 0
30
--
--
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 0.1mA; IE= 0
80
--
--
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 0.5A; IB= 20mA
--
--
40
mV
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 1A; IB=20mA
--
--
80
mV
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 2A; IB=20mA
--
--
180
mV
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 7A; IB=350mA
--
--
240
mV
VBE(sat)
Base -Emitter Saturation Voltage
IC= 7A; IB=350mA
--
--
1.15
mV
VBE(on)
Base-Emitter on Voltage
IC=7A; VCE=1V
--
--
1.1
mV
hFE
DC Current Gain
IC= 10mA; VCE= 1V
100
--
--
hFE
DC Current Gain
IC= 1A; VCE= 1V
100
--
300
hFE
DC Current Gain
IC= 7A; VCE= 1V
100
--
--
hFE
DC Current Gain
IC= 20A; VCE= 2V
40
--
--



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com