Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS209A Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS209A
Description  Proximity Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS209A Datasheet(HTML) 2 Page - ON Semiconductor

  CS209A Datasheet HTML 1Page - ON Semiconductor CS209A Datasheet HTML 2Page - ON Semiconductor CS209A Datasheet HTML 3Page - ON Semiconductor CS209A Datasheet HTML 4Page - ON Semiconductor CS209A Datasheet HTML 5Page - ON Semiconductor CS209A Datasheet HTML 6Page - ON Semiconductor CS209A Datasheet HTML 7Page - ON Semiconductor CS209A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CS209A
http://onsemi.com
2
PIN CONNECTIONS
NC
NC
NC
OUT2
DEMOD
NC
NC
OUT1
114
VCC
GND
RF
TANK
NC
OSC
OUT2
OUT1
DEMOD
GND
VCC
TANK
RF
OSC
1
SO−14
DIP−8 and SO−8
8
Figure 1. Block Diagram
23.6 kΩ
4.8 kΩ
300 μA
VBE/R Current
Regulator
ΔVBE/R Current
Regulator
Oscillator
OSC
Feedback
OSC
RF
Neg Transient
Suppression
VCC
+
COMP
−
DEMOD
TANK
GND
DEMOD
VCC
OUT1
OUT2
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
Supply Voltage
24
V
Power Dissipation (TA = 125°C)
200
mW
Storage Temperature Range
−55 to +165
°C
Junction Temperature Range
−40 to +150
°C
Electrostatic Discharge (except TANK pin)
2.0
kV
Lead Temperature Soldering:
Wave Solder (through hole styles only) (Note 1)
Reflow (SMD style only) (Note 2)
260 peak
230 peak
°C
°C
1. 10 second maximum.
2. 60 second maximum above 183°C.
*The maximum package power dissipation must be observed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com