Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB13007DT4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB13007DT4
Description  High voltage fast-switching NPN power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB13007DT4 Datasheet(HTML) 4 Page - STMicroelectronics

  STB13007DT4 Datasheet HTML 1Page - STMicroelectronics STB13007DT4 Datasheet HTML 2Page - STMicroelectronics STB13007DT4 Datasheet HTML 3Page - STMicroelectronics STB13007DT4 Datasheet HTML 4Page - STMicroelectronics STB13007DT4 Datasheet HTML 5Page - STMicroelectronics STB13007DT4 Datasheet HTML 6Page - STMicroelectronics STB13007DT4 Datasheet HTML 7Page - STMicroelectronics STB13007DT4 Datasheet HTML 8Page - STMicroelectronics STB13007DT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
STB13007DT4
4/10
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Note (1) Pulsed duration = 300
µs, duty cycle ≤1.5%
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE =0V)
VCE =700V
VCE =700V
Tc =100°C
10
0.5
µA
mA
ICEO
Collector cut-off current
(IB =0)
VCE =400V
100
µA
IEBO
Emitter cut-off current
(IC =0)
VEB =9V
100
µA
VCEO(sus) (1)
Collector-emitter
sustaining voltage
(IB = 0)
IC =10mA
400
V
VCE(sat) (1) Collector-emitter
saturation voltage
IC = 2A _ _ _ IB = 0.4A
IC = 5 A
__ _ IB = 1A
IC = 8 A
__ _ IB = 2A
IC = 5 A
__ _ IB = 1A
Tc =100°C
0.8
1.5
2
3
V
V
V
V
VBE(sat) (1)
Base-emitter saturation
voltage
IC = 2A _ _ _ IB = 0.4A
IC = 5A
__ _ IB = 1A
IC = 5A
__ _ IB = 1A
Tc =100°C
1.2
1.6
1.5
V
V
V
hFE
DC current gain
IC = 2A _ _VCE = 5V
IC = 5A
_VCE = 5V
18
8
40
25
Vf
Diode forward voltage
IC = 3A
2.5
V
ts
tf
Inductive load
Storage time
Fall time
IC = 5A ___ VClamp = 250V
IB1 = 1A
VBE(off) = -5V
RBB = 0Ω
L = 200
µH
(see fig. 11)
1.7
90
2.3
150
µs
ns
ts
tf
Inductive load
Storage time
Fall time
IC = 5A ___ VClamp = 250V
IB1 = 1A
VBE(off) = -5V
RBB = 0Ω
L = 200
µH
Tc =125°C (see fig. 11)
2.2
150
µs
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com