Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3F99 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PUSB3F99
Description  ESD protection for ultra high-speed interfaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3F99 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PUSB3F99 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3F99 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3F99 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3F99 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3F99 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3F99 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PUSB3F99 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PUSB3F99 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PUSB3F99 Datasheet HTML 12Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Nexperia
PUSB3F99
ESD protection for ultra high-speed interfaces
PUSB3F99
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 1 — 15 December 2017
10 / 12
9 Soldering
Table 7. Soldering
SOT1176-1
Remark:
Stencil of 75 m is recommended.
A stencil of 75 m gives an aspect ratio of 0.77
With a stencil of 100 m one will obtain an aspect ratio of 0.58
Footprint information for reflow soldering of DFN2510A-10 package
solder land plus solder paste
occupied area
solder land
solder paste deposit
solder resist
Hx
By
Hy
0.05
C
P
D
0.05
Ay
Dimensions in mm
Ay
By
C
D
Hy
1.25
0.3
0.475
0.2
P
0.5
1.5
Hx
2.45
Generic footprint pattern
Refer to the package outline drawing for actual layout
sot1176-1_fr
Figure 16. Reflow soldering footprint DFN2510A-10 (SOT1176-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com